データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1000A データシート(PDF) 1 Page - Faraday Technology

部品番号 SL1000A
部品情報  GENERAL PURPOSE VIDEO FILTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FARADAY [Faraday Technology]
ホームページ  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

SL1000A データシート(HTML) 1 Page - Faraday Technology

  SL1000A Datasheet HTML 1Page - Faraday Technology SL1000A Datasheet HTML 2Page - Faraday Technology SL1000A Datasheet HTML 3Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change
without notice
FARA043d
Page 1 of 2
Aug-05(B)
STEEPNESS FACTOR 1.40
This range of 7-pole Elliptical Function Low Pass Filters is intended for bandwidth limitation with minimal distortion of
the transmitted signal. The filters are corrected for Group Delay distortion over approx. 92% of the passband and for loss
distortion over the entire passband. Degradation of a composite video signal is minimal when a 4.5 MHz or 5.5 MHz filter
is selected for a 525 or 625 line T.V. system. Specifically the 14.0 MHz filter has become popular in COFDM systems to
band limit 8.0 MHz signals centred on 9.143 MHz.
Order Code
End of Passband
Start of Stopband
Group Delay Ripple
Delay Time
MHz
MHz
ns max
ns
SL0200A
2.00
2.80
40
785
SL0250A
2.50
3.50
30
628
SL0300A
3.00
4.20
25
523
SL0350A
3.50
4.90
25
448
SL0400A
4.00
5.60
20
392
SL0450A
4.50
6.30
20
349
SL0500A
5.00
7.00
15
314
SL0550A
5.50
7.70
15
285
SL0600A
6.00
8.40
15
262
SL0650A
6.50
9.10
12
242
SL0700A
7.00
9.80
12
224
SL0750A
7.50
10.50
10
209
SL0800A
8.00
11.20
10
196
SL0850A
8.50
11.90
10
185
SL0900A
9.00
12.60
10
174
SL0950A
9.50
13.20
10
165
SL1000A
10.00
14.00
10
157
SL1400A
14.00
19.60
8
115
This range may be extended down to 0.5 MHz and up to 20 MHz. Filters with other end of passband frequencies within
the range can be s upplied at no extra cost.
Order as SL****A inserting the frequency required in place of the asterisk eg for 5.23 MHz SL0523A.
Other data
Impedance
75 ohms
Insertion Loss
< 1.5 dB
Stopband attenuation wrt 100 kHz
> 40 dB
Amplitude ripple in passband
< 0.3 dB
Video performance for filters of 5.0 MHz (4.5 MHz for 525 line) and above.
Pulse and bar: K - rating
< 1 %
Luminance/Chrominance Gain inequality (20T)
< 3 %
SL...A SERIES
GENERAL PURPOSE VIDEO FILTERS


同様の部品番号 - SL1000A

メーカー部品番号データシート部品情報
logo
Electronic devices inc.
SL1000 EDI-SL1000 Datasheet
43Kb / 2P
   FAST RECOVERY, 100ns.HIGH VOLTAGE 40 ma, MINIATURE RECTIFIERS
logo
Faraday Technology
SL1000J FARADAY-SL1000J Datasheet
43Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
More results

同様の説明 - SL1000A

メーカー部品番号データシート部品情報
logo
Faraday Technology
SL0200J FARADAY-SL0200J Datasheet
43Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
logo
Delta Electronics, Inc.
05DKAG5 DELTA-05DKAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
10DKAS5 DELTA-10DKAS5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DEEG3E DELTA-03DEEG3E Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
05DBAG5 DELTA-05DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
30DKCS5 DELTA-30DKCS5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DBAW5 DELTA-03DBAW5 Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
10DBAG5 DELTA-10DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
16DKCG5B DELTA-16DKCG5B Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DBAG5 DELTA-20DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com