データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM47 データシート(PDF) 3 Page - MIC GROUP RECTIFIERS

部品番号 SM47
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MIC [MIC GROUP RECTIFIERS]
ホームページ  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SM47 データシート(HTML) 3 Page - MIC GROUP RECTIFIERS

  SM47 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SM47 Datasheet HTML 2Page - MIC GROUP RECTIFIERS SM47 Datasheet HTML 3Page - MIC GROUP RECTIFIERS SM47 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Peak Pulse Power
400 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted) TABLE 1 (Cont’d)
Breakdown Voltage
V(BR)(Volts) (Note 1)
Device
Type
MIN
MAX
Test
Current
at
IT
(mA)
Stand-off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage at
VWM ID (μA)
(Note 4)
Maximum
Peak Pulse
Current
IPPM (Note 2)
(Amps)
Maximum
Clamping
Voltage at
IPPM
VC(Volts)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
SM68
61.2
74.8
1
55.1
5
4.1
98
0.107
SM68A
64.6
71.4
1
58.1
5
4.3
92
0.107
SM75
67.5
82.5
1
60.7
5
3.7
105
0.108
SM75A
71.3
78.8
1
64.1
5
3.9
103
0.108
SM82
73.8
90.2
1
66.4
5
3.4
118
0.108
SM82A
77.9
86.1
1
70.1
5
3.5
113
0.108
SM91
81.9
100
1
73.7
5
3.1
131
0.109
SM91A
86.5
95.5
1
77.8
5
3.2
125
0.109
SM100
90
110
1
81
5
1.39
144
0.109
SM100A
95
105
1
85.5
5
1.46
137
0.109
SM110
99
121
1
89.2
5
1.27
158
0.11
SM110A
105
116
1
94
5
1.32
152
0.11
SM120
108
132
1
97.2
5
1.16
173
0.11
SM120A
114
126
1
102
5
1.21
165
0.11
SM130
117
143
1
105
5
1.07
187
0.11
SM130A
124
137
1
111
5
1.12
179
0.11
SM150
135
165
1
121
5
0.93
215
0.111
SM150A
143
159
1
128
5
0.97
207
0.111
SM160
144
175
1
130
5
0.87
230
0.111
SM160A
152
167
1
136
5
0.91
219
0.111
SM170
153
187
1
138
5
0.82
244
0.111
SM170A
162
179
1
145
5
0.85
234
0.111
SM180
162
197
1
146
5
0.78
258
0.111
SM180A
171
189
1
154
5
0.81
246
0.111
SM200
180
220
1
162
5
0.7
287
0.111
SM200A
190
210
1
171
5
0.73
274
0.111
Notes:
(1)
V(BR) measured after IT applied for 300ms square wave pulse or equivalent
(2)
Surge current waveform per Figure 3 and derate per Fig.2
(3)
All terms and symbols are consistent with ANSI/IEEE C62.35


同様の部品番号 - SM47

メーカー部品番号データシート部品情報
logo
ANYSOLAR LTD.
SM470K12L ANYSOLAR-SM470K12L Datasheet
624Kb / 6P
   High Efficiency SolarMD.
Rev. Feb 2021
logo
Texas Instruments
SM470R1B1M-HT TI1-SM470R1B1M-HT Datasheet
570Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
SM470R1B1M-HT TI1-SM470R1B1M-HT Datasheet
706Kb / 79P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
SM470R1B1M-HT TI1-SM470R1B1M-HT_15 Datasheet
803Kb / 79P
[Old version datasheet]   16-/32-Bit RISC Flash Microcontroller
SM470R1B1MHFQS TI1-SM470R1B1MHFQS Datasheet
570Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
More results

同様の説明 - SM47

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com