データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABTE16246DGG データシート(PDF) 2 Page - Texas Instruments

部品番号 SN74ABTE16246DGG
部品情報  11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTE16246DGG データシート(HTML) 2 Page - Texas Instruments

  SN74ABTE16246DGG Datasheet HTML 1Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 2Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 3Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 4Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 5Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 6Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 7Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 8Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN54ABTE16246, SN74ABTE16246
11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS
WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SCBS227F – JULY 1993 – REVISED JUNE 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
OPERATION
OE
9DIR
10DIR
11DIR
11OE
OPERATION
H
X
X
X
X
Isolation
L
XX
X
X
1BI–8BI data to 1A–8A bus (OC†),
1A–8A data to 1BO–8BO bus
L
L
X
X
X
9A data to 9B bus
L
H
X
X
X
9B data to 9A bus
L
X
L
X
X
10A data to 10B bus
L
X
H
X
X
10B data to 10A bus
L
X
X
L
L
11A data to 11B bus
L
X
X
L
H
11A, 11B isolation
L
X
X
H
X
11B data to 11A bus
† OC = Open-collector outputs


同様の部品番号 - SN74ABTE16246DGG

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABTE16246DGGR TI-SN74ABTE16246DGGR Datasheet
200Kb / 13P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
More results

同様の説明 - SN74ABTE16246DGG

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABTE16246 TI-SN74ABTE16246 Datasheet
200Kb / 13P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN54ABTE16245 TI-SN54ABTE16245_06 Datasheet
213Kb / 13P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTE16245 TI-SN54ABTE16245 Datasheet
157Kb / 1P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALS641A TI-SN74ALS641A_07 Datasheet
496Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54F621 TI1-SN54F621_16 Datasheet
632Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI-SN74ALS641A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54F621 TI-SN54F621 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI1-SN74ALS641A_16 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com