データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AC08D データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AC08D
部品情報  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AC08D データシート(HTML) 1 Page - Texas Instruments

  SN74AC08D Datasheet HTML 1Page - Texas Instruments SN74AC08D Datasheet HTML 2Page - Texas Instruments SN74AC08D Datasheet HTML 3Page - Texas Instruments SN74AC08D Datasheet HTML 4Page - Texas Instruments SN74AC08D Datasheet HTML 5Page - Texas Instruments SN74AC08D Datasheet HTML 6Page - Texas Instruments SN74AC08D Datasheet HTML 7Page - Texas Instruments SN74AC08D Datasheet HTML 8Page - Texas Instruments SN74AC08D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54AC08, SN74AC08
QUADRUPLE 2INPUT POSITIVEAND GATES
SCAS536D − SEPTEMBER 1995 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 6-V VCC Operation
D Inputs Accept Voltages to 6 V
D Max tpd of 7.5 ns at 5 V
SN54AC08 ... J OR W PACKAGE
SN74AC08 ... D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54AC08 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
The ’AC08 devices are quadruple 2-input positive-AND gates. These devices perform the Boolean function
Y = A
 B or Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74AC08N
SN74AC08N
SOIC − D
Tube
SN74AC08D
AC08
SOIC − D
Tape and reel
SN74AC08DR
AC08
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AC08NSR
AC08
−40 C to 85 C
SSOP − DB
Tape and reel
SN74AC08DBR
AC08
TSSOP − PW
Tube
SN74AC08PW
AC08
TSSOP − PW
Tape and reel
SN74AC08PWR
AC08
CDIP − J
Tube
SNJ54AC08J
SNJ54AC08J
−55
°C to 125°C
CFP − W
Tube
SNJ54AC08W
SNJ54AC08W
−55 C to 125 C
LCCC − FK
Tube
SNJ54AC08FK
SNJ54AC08FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
H
L
XL
X
L
L
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


同様の部品番号 - SN74AC08D

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AC08D TI1-SN74AC08D Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74AC08DBLE TI1-SN74AC08DBLE Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74AC08DBR TI1-SN74AC08DBR Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74AC08DE4 TI1-SN74AC08DE4 Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74AC08DG4 TI1-SN74AC08DG4 Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

同様の説明 - SN74AC08D

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com