データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC-228A データシート(PDF) 4 Page - Murata Power Solutions Inc.

部品番号 ADC-228A
部品情報  8-Bit, 20MHz, Complete Flash A/D Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA-PS [Murata Power Solutions Inc.]
ホームページ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-228A データシート(HTML) 4 Page - Murata Power Solutions Inc.

  ADC-228A Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-228A Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-228A Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-228A Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
112
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
ORDERING INFORMATION
MODEL
TEMPERATURE RANGE
SAMPLING RATE
ADC-228AMC
0 to +70°C
20MSPS
ADC-228AMM
–55 to +125°C
20MSPS
ADC-228A/883 *
–55 to +105°C
15MSPS
Receptacle for PC board mounting can be ordered through AMP Inc., part # 3-331272-8
(component lead socket), 24 required. Contact DATEL for 883 product specifications
DATEL's initial qualification was done at 15MSPS and as a Mil-STD-883 Class G product per
customer request. Mil-STD-883 Class G allows for a reduced temperature range (–55°C to
+105°C) that applies to this device. Contact DATEL if a 20MSPS rate or a Mil-STD-883 Class
H (–55°C to +125°C) temperature range is desired.
*
ADC-228A
8-Bit, 20MHz, Complete Flash A/D Converter
MDA_ADC-228A.B01 Page 4 of 4
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2009 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
03/20/09


同様の部品番号 - ADC-228A

メーカー部品番号データシート部品情報
logo
DATEL, Inc.
ADC-228A/883 DATEL-ADC-228A/883 Datasheet
103Kb / 1P
   CMOS Flash A/D
ADC-228A883 DATEL-ADC-228A883 Datasheet
103Kb / 1P
   CMOS Flash A/D
ADC-228AMC DATEL-ADC-228AMC Datasheet
103Kb / 1P
   CMOS Flash A/D
ADC-228AMC-C DATEL-ADC-228AMC-C Datasheet
103Kb / 1P
   CMOS Flash A/D
ADC-228AMM DATEL-ADC-228AMM Datasheet
103Kb / 1P
   CMOS Flash A/D
More results

同様の説明 - ADC-228A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
logo
Texas Instruments
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
logo
Fujitsu Component Limit...
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
logo
Analog Devices
AD570 AD-AD570_17 Datasheet
850Kb / 9P
   Complete 8-Bit A-to-D Converter
AD570 AD-AD570 Datasheet
312Kb / 8P
   Complete 8-Bit A-to-D Converter
REV. A
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com