データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC-318A データシート(PDF) 1 Page - Murata Power Solutions Inc.

部品番号 ADC-318A
部品情報  8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA-PS [Murata Power Solutions Inc.]
ホームページ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-318A データシート(HTML) 1 Page - Murata Power Solutions Inc.

  ADC-318A Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 6Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 7Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
FEATURES
Low power dissipation (960mW max.)
TTL compatible output
Diff./Integral nonlinearity (±½LSB max.)
1:2 Demultiplexed straight output programmable
2:1 Frequency divided TTL clock output with reset
Surface mount package
Selectable Input Logic (TTl, ECL, PECL)
+5V or ±5V Power Supply Operation
Figure 1. ADC-318/318A Functional Block Diagram
1
–DVs (Digital)
48
RSET ECL/PECL
2
REF. BOTTOM (VRB)
47
RSET ECL/PECL
3
ANALOG GROUND
46
RSET TTL
4
REF. MID POINT (VRM1)
45
SELECT
5
+AVS (Analog)
44
INV
6
ANALOG IN (VIN)
43
TTL CLOCK OUT
7
REF. MID POINT (VRM2)
42
+DVS2 (Digital)
8
+AVS (Analog)
41
DIGITAL GROUND 2
9
REF. MID POINT (VRM3)
40
A BIT 1 (MSB)
10
ANALOG GROUND
39
A BIT 2
11
REF. TOP (VRT)
38
A BIT 3
12
DIGITAL GROUND 3
37
A BIT 4
13
A/D CLOCK ECL/PECL
36
A BIT 5
14
A/D CLOCK ECL/PECL
35
A BIT 6
15
A/D CLOCK TTL
34
A BIT 7
16
NO CONNECTION
33
A BIT 8 (LSB)
17
NO CONNECTION
32
DIGITAL GROUND 2
18
NO CONNECTION
31
+DVS2 (Digital)
19
+DVS2 (Digital)
30
+DVS1 (Digital)
20
DIGITAL GROUND 2
29
DIGITAL GROUND 1
21
B BIT 8 (LSB)
28
B BIT 1 (MSB)
22
B BIT 7
27
B BIT 2
23
B BIT 6
26
B BIT 3
24
B BIT 5
25
B BIT 4
INPUT/OUTPUT CONNECTIONS
PIN
FUNCTION
PIN
FUNCTION
256
SELECT
6
11
9
7
4
2
13
14
15
48
47
46
VIN
VRT
VRM3
VRM2
VRM1
VRB
A/D CLOCK ECL/PECL
A/D CLOCK TTL
RSET ECL/PECL
RSET TTL
6
6
6
6
DELAY
DQ
Q
8
8
6
A
LATCH
B
LATCH
A
TTL
OUTPUT
B
TTL
OUTPUT
TTL
44 INV
33 BIT 8 (LSB)
34 BIT 7
35 BIT 6
36 BIT 5 A OUTPUT
37 BIT 4
38 BIT 3
39 BIT 2
40 BIT 1 (MSB)
21 BIT 8 (LSB)
22 BIT 7
23 BIT 6
24 BIT 5 B OUTPUT
25 BIT 4
26 BIT 3
27 BIT 2
28 BIT 1 (MSB)
43 CLOCK OUT
45 SELECT
A/D CLOCK ECL/PECL
RSET ECL/PECL
GENERAL DESCRIPTION
The ADC-318 and ADC-318A are 8 bit monolithic bipolar,
full flash A/D converters. Though they have high, 120MHz
(ADC-318) and 140MHz (ADC-318A), sampling rates, their
input logic level, including the start convert pulse, is TTL,
ECL and PECL compatible. Digital outputs are also TTL
compatible and allow a straight output or a programmable
1:2 de-multiplexed output.
The ADC-318 and ADC-318A feature ±1/2 LSB max.
integral and differential non-linearity, +5V single or ±5V dual
power supply operation, a low 960mW maximum power
dissipation, 150MHz wide analog input range and excellent
temperature coefficient in a small 48 pin QFP package. The
start convert pulse can have a 50% duty cycle.
The ADC-318 and ADC-318A offer low cost, easy to use
functionality for design engineers.
ADC-318, ADC-318A
8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
MDA_ADC-318.B01 Page 1 of 8
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
n (960mW
W max.)
ADC
C
8--Bit, 1200MHz annd 140M
MHz
OBSOLETE PRODUCT
Contact Factory for Replacement Model


同様の部品番号 - ADC-318A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ADC-318A ETC-ADC-318A Datasheet
285Kb / 8P
   8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
More results

同様の説明 - ADC-318A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ADC-318 ETC-ADC-318 Datasheet
285Kb / 8P
   8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Sony Corporation
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com