データシートサーチシステム |
|
IZ2415S データシート(PDF) 1 Page - XP Power Limited |
|
IZ2415S データシート(HTML) 1 Page - XP Power Limited |
1 / 2 page Specification 3 Watts • Regulated Single & Dual Output • Wide 2:1 Input Range • SIP Package • 1600 VDC Isolation • Optional Metal Case • Continuous Short Circuit Protection • MTBF >2.4 MHrs IZ Series Input Input Voltage Range • 5 V models: 4.5 - 9.0 V 12 V models: 9.0 - 18.0 V 24 V models: 18.0 - 36.0 V 48 V models: 36.0 - 72.0 V Input Reflected Ripple • 35 mA pk-pk through 12 µH inductor 5 Hz to 20 MHz Input Current • See table Input Filter • Capacitor Output Output Voltage • See table Line Regulation • ±0.5% max Load Regulation • ±1.0% max from 25-100% load Setpoint Accuracy • ±1% max Start Up Rise Time • 20 ms typical Ripple & Noise • 75 mV pk-pk max 20 MHz BW Temperature Coefficient • 0.02%/°C Short Circuit Protection • Continuous with auto recovery Cross Regulation • ±5% on dual output models Transient Response • ±3% deviation recovering to <1% within 300 µs for 25% load change Maximum Capacitive • See table Load Remote On/Off • Applying 5 V via 1 k Ω current limiting resistor (with respect to -V Input) turns output off General Efficiency • See table Isolation Voltage • 1600 VDC, Isolation Resistance • 109 Ω Isolation Capacitance • 680 pF typical Switching Frequency • 100-650 kHz MTBF • >2.4 MHrs to MIL-STD-217F Physical Case Material • Non-conductive black plastic (UL94V-0 rated). Optional metal: nickel coated copper (see note 2) Pin Material • C5191R-H solder coated Potting Material • Epoxy (UL94V-0 rated) Lead Soldering • 260 ºC 1.5 mm from case for 10 s Temperature Environmental Operating Temperature • -40 °C to +70 °C, derate from 100% load at 70 ºC to 0% load at 100 ºC Storage Temperature • -40 °C to +125 °C Case Temperature • 100 °C max Cooling • Convection-cooled Humidity • 95% RH, non condensing xppower.com |
同様の説明 - IZ2415S |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |