データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M4S3U6ME4 データシート(PDF) 10 Page - XP Power Limited

部品番号 M4S3U6ME4
部品情報  AC-DC Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XPPOWER [XP Power Limited]
ホームページ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

M4S3U6ME4 データシート(HTML) 10 Page - XP Power Limited

Back Button M4S3U6ME4 Datasheet HTML 2Page - XP Power Limited M4S3U6ME4 Datasheet HTML 3Page - XP Power Limited M4S3U6ME4 Datasheet HTML 4Page - XP Power Limited M4S3U6ME4 Datasheet HTML 5Page - XP Power Limited M4S3U6ME4 Datasheet HTML 6Page - XP Power Limited M4S3U6ME4 Datasheet HTML 7Page - XP Power Limited M4S3U6ME4 Datasheet HTML 8Page - XP Power Limited M4S3U6ME4 Datasheet HTML 9Page - XP Power Limited M4S3U6ME4 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
17-Apr-07
LP & LP-MD
Airflow Curves - U-Channel Models
OUTPUT TERMINAL
BLOCK
6-32 0.375 CENTERS
MULTI-OUTPUT
POWER CONNECTOR
LOGIC
CONNECTOR
10
2
1
9
1
3
4
6
+
-
OP 3 VOLTAGE ADJUST
OP 1 VOLTAGE
ADJUST
(BEHIND)
OP 2 VOLTAGE ADJUST
Output Connector
Molex 39-01-2060
Pin
Function
1
Output RTN V2
2
3
Output RTN V3
4
Output 2+
5
6
Output 3+
Logic Connector AMP 87631-5
Pin
Function
1
+sense (V1)
2
-sense (V1)
3
+sense (V1)
4
Current share
5
6
Inhibit
7
-sense (V1)
8
DC OK
9
10
Power fail
Module Size
Module Size
Module Size
Module Size
V2 MATING CONNECTOR
MOLEX 39-01-2025
V1 OUTPUT TERMINAL BLOCK (EUROSTYLE 10.16mm)
WIDE RANGE: 6 TO 18 AWG
WIRE STRIP LENGTH: 0.25” (6.35mm)
TIGHTENING TORQUE: 7 IN-lbs
V2
V1
LOGIC
CONNECTOR
10
2
1
9
+
-
-
+
VOLTAGE ADJUST
(BEHIND)
OUTPUT TERMINAL BLOCK
6-32 0.375 CENTERS
OUTPUT 2
VOLTAGE ADJUST
OUTPUT 1
+
+
-
-
M4-0.7 THD
OUTPUT TERMINALS
LOGIC
CONNECTOR
VOLTAGE
ADJUST (BEHIND)
10
2
1
9
+
-
Single Output (S)
Dual Output (R)
Dual Output (U)
Triple Output (T)
Logic Connector AMP 87631-5
Pin
Function
1
+sense (V1)
2
-sense (V1)
3
+sense (V1)
4
Current share
5
6
Inhibit
7
-sense (V1)
8
DC OK
9
10
Power fail
Logic Connector AMP 87631-5
Pin
Function
1
+sense (V1)
2
-sense (V1)
3
+sense (V1)
4
Current share
5
6
Inhibit
7
-sense (V1)
8
DC OK
9
10
Power fail
OUTPUT TERMINAL BLOCK
M3.5 0.375 CENTERS
LOGIC
CONNECTOR
VOLTAGE
ADJUST
10
2
1
9
+
-
Formula for converting CFM to LFM:
LFM =
CFM x 144
(total cross section of airflow path (Inches2))
Formula for converting LFM to CFM:
CFM =
LFM x (total cross section of airflow path (Inches2))
400
350
300
250
200
150
100
50
0
0
25
50
70
Temperature (ºC)
P3 & M3 Models
P4 & M4 Models
300
250
200
150
100
50
0
0
25
50
70
Temperature (ºC)
The curves denote chassis
derating. Output modules must be
derated by the same proportion.
Output Module Connection Details
300 LFM
225 LFM
150 LFM
Convection
144
Weight: 0.50 lb (227 g) approx
Weight: 0.52 lb (236 g) approx
Weight: 0.62 lb (282 g) approx
Weight: 0.70 lb (318 g) approx


同様の部品番号 - M4S3U6ME4

メーカー部品番号データシート部品情報
logo
Winchester Electronics ...
M4S32 WINCHESTER-M4S32 Datasheet
109Kb / 1P
   COMPOSITE OUTLINE ASSY
logo
DB Lectro Inc
M4S3H DBLECTRO-M4S3H Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S3HA DBLECTRO-M4S3HA Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S3HAW DBLECTRO-M4S3HAW Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S3HW DBLECTRO-M4S3HW Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
More results

同様の説明 - M4S3U6ME4

メーカー部品番号データシート部品情報
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com