データシートサーチシステム |
|
SN74AHC16540DGV データシート(PDF) 1 Page - Texas Instruments |
|
SN74AHC16540DGV データシート(HTML) 1 Page - Texas Instruments |
1 / 7 page SN54AHC16540, SN74AHC16540 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCLS331F – MARCH 1996 – REVISED JANUARY 2000 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Members of the Texas Instruments Widebus ™ Family D EPIC™ (Enhanced-Performance Implanted CMOS) Process D Operating Range 2-V to 5.5-V VCC D Distributed VCC and GND Pins Minimize High-Speed Switching Noise D Flow-Through Architecture Optimizes PCB Layout D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds 2000 V Per MIL-STD-883, Method 3015 D Package Options Include Plastic Shrink Small-Outline (DL), Thin Shrink Small-Outline (DGG), and Thin Very Small-Outline (DGV) Packages and 380-mil Fine-Pitch Ceramic Flat (WD) Package Using 25-mil Center-to-Center Spacings description These 16-bit buffers and bus drivers provide a high-performance bus interface for wide data paths. The 3-state control gate is a 2-input AND gate with active-low inputs so that if either output-enable (OE1 or OE2) input is high, all corresponding outputs are in the high-impedance state. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. The SN54AHC16540 is characterized for operation over the full military temperature range of –55 °C to 125°C. The SN74AHC16540 is characterized for operation from –40 °C to 85°C. FUNCTION TABLE (each 8-bit buffer/driver) INPUTS OUTPUT OE1 OE2 A Y L L L H L LH L H XX Z X H X Z Copyright © 2000, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. EPIC and Widebus are trademarks of Texas Instruments Incorporated. SN54AHC16540 . . . WD PACKAGE SN74AHC16540 . . . DGG, DGV, OR DL PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1OE1 1Y1 1Y2 GND 1Y3 1Y4 VCC 1Y5 1Y6 GND 1Y7 1Y8 2Y1 2Y2 GND 2Y3 2Y4 VCC 2Y5 2Y6 GND 2Y7 2Y8 2OE1 1OE2 1A1 1A2 GND 1A3 1A4 VCC 1A5 1A6 GND 1A7 1A8 2A1 2A2 GND 2A3 2A4 VCC 2A5 2A6 GND 2A7 2A8 2OE2 |
同様の部品番号 - SN74AHC16540DGV |
|
同様の説明 - SN74AHC16540DGV |