データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC-349 データシート(PDF) 4 Page - Murata Power Solutions Inc.

部品番号 DAC-349
部品情報  10-Bit/3 Channel, 50 MHz RGB D/A Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA-PS [Murata Power Solutions Inc.]
ホームページ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAC-349 データシート(HTML) 4 Page - Murata Power Solutions Inc.

  DAC-349 Datasheet HTML 1Page - Murata Power Solutions Inc. DAC-349 Datasheet HTML 2Page - Murata Power Solutions Inc. DAC-349 Datasheet HTML 3Page - Murata Power Solutions Inc. DAC-349 Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
02/03/09


同様の部品番号 - DAC-349

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DAC-341 ETC-DAC-341 Datasheet
814Kb / 4P
   10-BIT 80 MHZ VIDEO SPEED D/A CONVERTER
logo
Murata Power Solutions ...
DAC-341 MURATA-PS-DAC-341 Datasheet
981Kb / 4P
   10-Bit 80 MHz Video Speed D/A Converter
More results

同様の説明 - DAC-349

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HI2307 INTERSIL-HI2307 Datasheet
685Kb / 10P
   Triple 10-Bit, 50 MSPS, RGB, 3-Channel D/A Converter
logo
Sony Corporation
CXD2308Q SONY-CXD2308Q Datasheet
225Kb / 14P
   10-bit 50MSPS RGB 3-channel D/A Converter
CXD2309Q SONY-CXD2309Q Datasheet
243Kb / 16P
   10-bit 50MSPS RGB 3-channel D/A Converter
CXD2307R SONY-CXD2307R Datasheet
250Kb / 14P
   10-bit 50MSPS RGB 3-channel D/A Converter
logo
Fujitsu Component Limit...
MB40978 FUJITSU-MB40978 Datasheet
208Kb / 12P
   3-Channel 8-Bit RGB D/A Converter
logo
Sony Corporation
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
   8-bit 40MSPS RGB 3-channel D/A Converter
logo
Intersil Corporation
HI2309 INTERSIL-HI2309 Datasheet
652Kb / 9P
   Triple 10-Bit, 50 MSPS,3-Channel D/A Converter
logo
Fujitsu Component Limit...
MB40950 FUJITSU-MB40950 Datasheet
215Kb / 11P
   3-Channel 10-Bit D/A Converter
logo
Intersil Corporation
HI1178 INTERSIL-HI1178_05 Datasheet
428Kb / 11P
   Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
logo
Renesas Technology Corp
HI1178 RENESAS-HI1178 Datasheet
591Kb / 11P
   Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com