データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VZC-6965B5 データシート(PDF) 2 Page - Communications & Power Industries, Inc.

部品番号 VZC-6965B5
部品情報  CPI 2.25kW TWT C-Band HPA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CPI [Communications & Power Industries, Inc.]
ホームページ  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZC-6965B5 データシート(HTML) 2 Page - Communications & Power Industries, Inc.

  VZC-6965B5 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZC-6965B5 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C-Band
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement.
Please contact CPI before using this information for system design.
MKT 105, ISSUE 2
3/08
PDF
SPECIFICATIONS, VZC-6965B5
Electrical
Frequency
5.850 to 6.650 GHz
TWT Model Number
VTC-6369D4
Output Power
TWT
2250W min. (33.5 dBW)
Flange
2000W min. (33.0 dBW)
Bandwidth
800 MHz
Gain
76 dB min. at rated power output
79 dB min. at small signal
RF Level Adjust
0 to 20 dB continuous
Output Power Adjustability
±0.1 dB
Gain Stability
±0.25 dB/24 hr max.
(at constant drive and temp.)
Small Signal Gain Slope
0.02 dB/MHz max.
Small Signal Gain Variation
3.0 dB pk-pk max. over the
800 MHz bandwidth (4.0 dB with
optional integral linearizer)
Input/Output VSWR
1.25:1 max.
Load VSWR
2.0:1 max. for full spec compliance;
any value without damage
Residual AM
-45 dBc up to 4 kHz;
-20 [1.25 +log F (kHz)] dBc
4 kHz to 500 kHz (F in kHz);
-80 dBc above 500 kHz
Phase Noise
Single carrier at 7 dB below rated
power, exceeds requirements of
IESS-308/309 by 6 dB
AM/PM Conversion
2.5°/dB at 8 dB output power back off
Harmonic Output
-60 dBc
Noise and Spurious
-130 dBW/4 kHz from 3.6 to 4.2 GHz
-65 dBW/4 kHz from 4.2 to 12.0 GHz
(-60 dBW/4 kHz with optional linearizer)
-110 dBW/4 kHz from 12.0 to 40.0 GHz
Intermodulation
-23 dBc or better with two equal carriers
at total output power level, 7 dB below
rated single-carrier output (4 dB with
linearizer) up to 6.425 GHz; -20 dBc or
better above 6.425 GHz
Group Delay
(in any 40 MHz band)
0.01 ns/MHz linear
0.001 ns/MHz2 parabolic
0.5 ns pk-pk ripple max.
Electrical (continued)
Primary Power
3 phase, 5 wire
208/120 V, ±10%, 50/60 Hz ±5%;
380-415/220-240 V,
±10%, 50/60 Hz ±5%;
5 wires are: Phase 1, 2 & 3, neutral
and ground connection.
Power Factor
0.90 min. (at 50 Hz)
Power Consumption
6.3 kVA (typical)
7.5 kVA max.
Environmental (Operating)
Ambient Temperature
-10° to +50°C operating
-20° to +70°C non-operating
Relative Humidity
95% non-condensing
Altitude
Up to 10,000 ft (3000 m) with standard
adiabatic derating of 2°/1000 ft.
Shock and Vibration
Designed to meet conditions normally
encountered in satellite earth stations
Acoustic Noise
72 dBa one meter from front panel
Mechanical
Cooling(TWT)
Forced air with integral blower
and power supply fan. Maximum
external pressure loss allowable:
0.25 inch water gauge.
RF Input Connection
Type N female
RF Output Connection
CPR 137 F standard
RF Power Monitors
Type-N female
Dimensions (W x H x D)
RF Drawer
19 x 12.25 x 24 in.
(483 x 310 x 610 mm)
Power Supply
19 x 10.50 x 24 in.
(483 x 268 x 610 mm)
Weight
RF Drawer
90 lbs (41 kg)
Power Supply
100 lbs (45 kg)
Interconnect
10 lbs (4.5 kg)
OPTIONS &
COMP ANION
PRODUCTS:
• Mimic Remote Control
Panel
• Integral Linearizer
• 1:1, 1:2 and 1:n
Redundant and Power
Combined Subsystems
• Extended Frequency
(5.85 to 6.725 GHz).
Contact factory for
specifications.
Certificate Number: 30515


同様の部品番号 - VZC-6965B5

メーカー部品番号データシート部品情報
logo
Communications & Power ...
VZC-6961K4 CPI-VZC-6961K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
VZC-6961K6 CPI-VZC-6961K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
VZC-6962E2 CPI-VZC-6962E2 Datasheet
155Kb / 2P
   200W Compact Low Power Amplifier
VZC-6964 CPI-VZC-6964 Datasheet
130Kb / 2P
   400W Compact Medium Power Amplifier
VZC-6967AH CPI-VZC-6967AH Datasheet
170Kb / 2P
   750W Compact High Power Amplifier
More results

同様の説明 - VZC-6965B5

メーカー部品番号データシート部品情報
logo
Communications & Power ...
VZX-6986J4 CPI-VZX-6986J4 Datasheet
369Kb / 2P
   CPI 2.25/2.50 kW TWT X-Band HPA
logo
United Monolithic Semic...
CHZ050A-SEA UMS-CHZ050A-SEA_15 Datasheet
696Kb / 12P
   50W C Band HPA
logo
Communications & Power ...
VTC-6265E1 CPI-VTC-6265E1 Datasheet
98Kb / 1P
   W C-Band Helix TWT Series
VTC-6361D3A CPI-VTC-6361D3A Datasheet
94Kb / 1P
   750W, C-Band Helix TWT Series
VZS-2780C2 CPI-VZS-2780C2 Datasheet
157Kb / 2P
   500W S/C-Band TWT Amplifier
VTC-6264D4 CPI-VTC-6264D4 Datasheet
97Kb / 1P
   400W, C-Band Helix TWT Series
logo
Analog Devices
HMC7054 AD-HMC7054 Datasheet
283Kb / 8P
   Ka-Band HPA
logo
Communications & Power ...
TL22CI CPI-TL22CI Datasheet
158Kb / 2P
   CPI 2.25 kW SuperLineartm TWT Amplifier
VTC-6264D4 CPI-VTC-6264D4_12 Datasheet
101Kb / 1P
   400 W, C-Band Helix TWT Series
VTC-6369D3 CPI-VTC-6369D3 Datasheet
98Kb / 1P
   2.25 kW, C-Band Helix TWT Series
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com