データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FWX-1600AH データシート(PDF) 8 Page - Cooper Bussmann, Inc.

部品番号 FWX-1600AH
部品情報  High Speed Fuses
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COOPER [Cooper Bussmann, Inc.]
ホームページ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWX-1600AH データシート(HTML) 8 Page - Cooper Bussmann, Inc.

Back Button FWX-1600AH Datasheet HTML 4Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 5Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 6Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 7Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 8Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 9Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 10Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 11Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 12Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
94
High Speed Fuses
North American — FWA 150V: 70-1000A
Prospective Current In Amperes RMS
10
2
24
6
8
10
3
24
6
8
10
4
2
4
6
2
6
4
10
0
2
6
4
10
1
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
10
–1
10
–2
10
–3
10
–4
10
2
10
3
10
4
FWA-1000A
FWA-800A
FWA-700A
FWA-600A
FWA-500A
FWA-200A
FWA-400A
FWA-350A
FWA-300A
FWA-250A
FWA-150A
FWA-70A
FWA-80A
FWA-100A
FWA-125A
FWA 70-1000A: 150V
Time-Current Curve
Prospective Short-Circuit Current Symmetrical RMS
2
6
4
2
6
4
2
6
4
24
6
2
4
6
24
6
10
2
10
3
10
4
10
6
10
2
10
3
10
4
10
5
2
FWA-400A
FWA-350A
FWA-300A
FWA-250A
FWA-200A
FWA-150A
FWA-100A
FWA-80A
FWA-70A
Peak Let-Through Curve
Data Sheet: 35785310
Cooper Bussmann® Equipped Solar Car
Wins American Solar Challenge Race
The University
of Missouri-
Rolla Solar Car
Team won the
prestigious
American Solar
Challenge Race
recently with
circuit protection provided by Cooper Bussmann
FWX series 80 amp semiconductor fuses.
The grueling endurance test pitted UM-Rolla’s “Solar
Miner IV” against race teams from some of the
most famous engineering schools in the nation. By
driving approximately 2,300 miles from Chicago to
Claremont (a suburb of Los Angeles), in just 51
hours, 47 minutes and 39 seconds, they set a race
record by more than four hours.
Did You Know?


同様の部品番号 - FWX-1600AH

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
FWX-1600AH COOPER-FWX-1600AH Datasheet
35Kb / 2P
   1000-2500A, 250 Volts
More results

同様の説明 - FWX-1600AH

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
List of Unclassifed Man...
BH-0111 ETC2-BH-0111 Datasheet
1Mb / 8P
   Compact high speed fuses
logo
Cooper Bussmann, Inc.
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
FWH EATON-FWH Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Littelfuse
L50QS LITTELFUSE-L50QS Datasheet
911Kb / 12P
   L50QS SERIES HIGH-SPEED ROUND BODY FUSES
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
   PSR SERIES HIGH-SPEED SQUARE BODY FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com