データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FWX-2000AH データシート(PDF) 6 Page - Cooper Bussmann, Inc.

部品番号 FWX-2000AH
部品情報  High Speed Fuses
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COOPER [Cooper Bussmann, Inc.]
ホームページ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWX-2000AH データシート(HTML) 6 Page - Cooper Bussmann, Inc.

Back Button FWX-2000AH Datasheet HTML 2Page - Cooper Bussmann, Inc. FWX-2000AH Datasheet HTML 3Page - Cooper Bussmann, Inc. FWX-2000AH Datasheet HTML 4Page - Cooper Bussmann, Inc. FWX-2000AH Datasheet HTML 5Page - Cooper Bussmann, Inc. FWX-2000AH Datasheet HTML 6Page - Cooper Bussmann, Inc. FWX-2000AH Datasheet HTML 7Page - Cooper Bussmann, Inc. FWX-2000AH Datasheet HTML 8Page - Cooper Bussmann, Inc. FWX-2000AH Datasheet HTML 9Page - Cooper Bussmann, Inc. FWX-2000AH Datasheet HTML 10Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
92
High Speed Fuses
North American — FWA 130V: 1000-4000A
FWA 1000-4000A: 130V
Time-Current Curve
103
2
24
6
8
2
104
24
6
8
105
Prospective Current In Amperes RMS
2
4
6
2
6
4
10
0
2
6
4
101
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
10–1
10–2
10–3
10–4
102
103
104
FWA-4000AH
FWA-3000AH
FWA-2500AH
FWA-2000AH
FWA-1500AH
FWA-1200AH
FWA-1000AH
FWA-4000AH
FWA-3000AH
FWA-2500AH
FWA-2000AH
FWA-1500AH
FWA-1200AH
FWA-1000AH
2
6
4
2
6
4
2
24
6
2
4
6
24
6
10
4
10
5
10
3
10
4
10
5
10
3
Peak Let-Through Curve
Data Sheet: 35785301
Protect Against Downtime with
Technical Training,
and Earn CEUs at the Same Time
Our application engineering team offers two training
seminars at the Cooper Bussmann St. Louis head-
quarters Technical Center for end-user customers.
These two-day seminars provide participants 1.6
Continuing Education Units (CEUs). Attendees are
responsible for their own airfare and hotel costs;
meals and ground transportation are provided.
Industrial Machinery
This two-day seminar highlights overcurrent
protection considerations for industrial machinery
and industrial control panels, design standards as
well as a review of various overcurrent protective
devices. The seminar is offered to:
• Engineers for industrials who specify equipment
• Electrical panel builders
• Machinery builders
• Electrical designers
Commercial and Industrial Power Systems
This two-day seminar provides a comprehensive
review of the proper overcurrent protection of
building power distribution systems including
elevator protection, ground fault protection and
compliance with industry standards. The seminar is
targeted to:
• Consulting engineers
• Plant engineers
• Electrical contractors
• Electrical designers
• Inspectors
Contact your local district sales engineer or
representative, or call our application engineering
team for more information: 636-527-1270. Check
at www.cooperbussmann.com for schedules and
seminar cost.
Did You Know?


同様の部品番号 - FWX-2000AH

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
FWX-2000AH COOPER-FWX-2000AH Datasheet
35Kb / 2P
   1000-2500A, 250 Volts
More results

同様の説明 - FWX-2000AH

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
List of Unclassifed Man...
BH-0111 ETC2-BH-0111 Datasheet
1Mb / 8P
   Compact high speed fuses
logo
Cooper Bussmann, Inc.
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
FWH EATON-FWH Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Littelfuse
L50QS LITTELFUSE-L50QS Datasheet
911Kb / 12P
   L50QS SERIES HIGH-SPEED ROUND BODY FUSES
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
   PSR SERIES HIGH-SPEED SQUARE BODY FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com