データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4001G データシート(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

部品番号 1N4001G
部品情報  VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1N4001G データシート(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  1N4001G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1N4001G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
1N4001
G THRU 1N4007G
VOLTAGE 50V ~ 1000V
1.0 AMP
Glass Passivated Silicon Rectifiers
RATING AND CHARACTERISTIC CURVES ( 1N4001G THRU 1N4007G )
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
.1
1.0
10
100
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Tj=100 C
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.2
0
0.4
0.6
0.8
1.0
1.2
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
0.1
1.0
.01
10
50
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.7
.8
.9
1.0
1.1
1.2
1.3
3.0
Tj=25 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
35
30
25
20
15
10
5
0
.01
.05
.1
.5
1
5
10
50
100
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
110
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
AMBIENT TEMPERATURE,( C)
FIG.1-TYPICAL FORWARD
01-Jun-2002 Rev. A
Page 2 of 2


同様の部品番号 - 1N4001G

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
1N4001G GULFSEMI-1N4001G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
NXP Semiconductors
1N4001G PHILIPS-1N4001G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
List of Unclassifed Man...
1N4001G ETC1-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Leshan Radio Company
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
More results

同様の説明 - 1N4001G

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001 Datasheet
331Kb / 2P
   VOLTAGE 50V ~ 1000V 1.0 AMP Silicon Rectifiers
RL201G SECOS-RL201G Datasheet
221Kb / 2P
   Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
RS801G SECOS-RS801G Datasheet
101Kb / 2P
   VOLTAGE 50V ~ 1000V 8.0 AMP Glass Passivated Bridge Rectifiers
RS401L SECOS-RS401L Datasheet
128Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RS1505G SECOS-RS1505G Datasheet
94Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
KBU10A SECOS-KBU10A Datasheet
100Kb / 2P
   VOLTAGE 50V ~ 1000V 10 AMP Glass Passivated Bridge Rectifiers
KBL6005G SECOS-KBL6005G Datasheet
667Kb / 2P
   Voltage 50V ~ 1000V, 6.0 Amp Glass Passivated Bridge Rectifiers
RS401M SECOS-RS401M Datasheet
291Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
KBU4A SECOS-KBU4A Datasheet
55Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
SCD4003 SECOS-SCD4003 Datasheet
476Kb / 2P
   VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com