データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1036K データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 2SA1036K
部品情報  PNP Silicon General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1036K データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1036K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1036K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
2SA1036K
PNP Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
*
Dim
Min
Max
A
2.70
3.10
B
1.30
1.70
C
1.00
1.30
D
0.35
0.50
G
1.70
2.30
H
0.00
0.10
J
0.10
0.26
K
0.20
0.60
L
1.25
1.65
S
2.25
3.00
All Dimension in mm
SC-59
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
BASE
EMITTER
COLLECTOR
FEATURES
R
n
n
n
oHS Compliant Product
Large IC. ICMax.= -500 mA
Low VCE(sat). Ideal for low-voltage operation.
Symbol
Parameter
MARKING : HP, HQ, HR
MAXIMUM RATINGS* TA=25 C
O
unless otherwise noted
Value
Units
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-32
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-500
mA
PC
Collector Dissipation
200
mW
TJ, Tstg
Junction and Storage Temperature
-55~150
*These ratings are limiting values above which the serviceability of any semiconductor device may be
impaired.
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-100µA,IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-1mA,IB=0
-32
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-20V,IE=0
-1
µA
Emitter cut-off current
IEBO
VEB=-4V,IC=0
-1
µA
DC current gain
hFE
VCE=-3V,IC=-10mA
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB=-10mA
-0.4
V
Transition frequency
fT
VCE=-5V,IC=-20mA,f=100MHz
200
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
7
pF
CLASSIFICATION OF
hFE
Rank
P
Q
R
Range
82 - 180
120 - 270
180 - 390
01-Jun-2002 Rev. A
Page
1 of 2
A suffix of "-C" specifies halogen & lead-free


同様の部品番号 - 2SA1036K

メーカー部品番号データシート部品情報
logo
Rohm
2SA1036K ROHM-2SA1036K Datasheet
77Kb / 4P
   Medium Power Transistor
logo
Weitron Technology
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
Guangdong Kexin Industr...
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
   Medium Power Transistor
logo
Rohm
2SA1036K ROHM-2SA1036K Datasheet
168Kb / 3P
   Medium Power Transistor
2SA1036K ROHM-2SA1036K Datasheet
1Mb / 8P
   Medium Power Transistor (-32V,-500mA)
More results

同様の説明 - 2SA1036K

メーカー部品番号データシート部品情報
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com