データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM-1F2721013 データシート(PDF) 1 Page - JDS Uniphase Corporation

部品番号 ADM-1F2721013
部品情報  Filter Add/Drop Module 100 GHz Spacing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JDSU [JDS Uniphase Corporation]
ホームページ  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

ADM-1F2721013 データシート(HTML) 1 Page - JDS Uniphase Corporation

  ADM-1F2721013 Datasheet HTML 1Page - JDS Uniphase Corporation ADM-1F2721013 Datasheet HTML 2Page - JDS Uniphase Corporation ADM-1F2721013 Datasheet HTML 3Page - JDS Uniphase Corporation ADM-1F2721013 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMMUNICATIONS MODULES & SUBSYSTEMS
Key Features
• Low insertion loss
• Exceptional reliability and environmental stability
• Low polarization dependent loss (PDL)
• Flat and wide passband
• High demux channel isolation
• Customizable with tap and multi-channel or band capabilities
JDSU single channel add/drop modules are available for ITU channel spacings of
200, 100, and 50 GHz, as well as for bands of ITU channels.
Manufactured using laser welding technology, the integrated add/drop module
components exceed Telcordia GR-1221 requirements. The modules, themselves,
demonstrate low loss, temperature insensitivity, and reliable performance in any
system application.
Fixed add/drop modules offer low-cost wavelength management solutions that
are suitable for metro and access applications. Easily customizable, these devices
are configured by number of channels for any customer-specific channel plan.
Packaging options include fiber type, connectors, footprint, and integration of
taps and detectors for a complete dense wavelength division multiplexing
(DWDM) solution.
Established volume capability and proven experience in customizing fiberoptic
components and modules make JDSU the supplier of choice.
Applications
• Access/enterprise networks
•Metro networks
• Long haul networks
• Denser channel plans (50 GHz when
used in conjunction with an Optical
Frequency Interleaver)
• Test bench/systems
Compliance
• Telcordia GR-1221
Filter Add/Drop Module 100 GHz Spacing
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


同様の部品番号 - ADM-1F2721013

メーカー部品番号データシート部品情報
logo
Marki Microwave
ADM-0012-5931SM MARKIMICROWAVE-ADM-0012-5931SM Datasheet
755Kb / 14P
   BROADBAND DISTRIBUTED AMPLIFIER
ADM-0012-5931SM MARKIMICROWAVE-ADM-0012-5931SM Datasheet
842Kb / 9P
   BROADBAND DISTRIBUTED AMPLIFIER
ADM-0026-5929SM MARKIMICROWAVE-ADM-0026-5929SM Datasheet
678Kb / 10P
   BROADBAND DISTRIBUTED AMPLIFIER
ADM-0026-5929SM MARKIMICROWAVE-ADM-0026-5929SM Datasheet
827Kb / 8P
   BROADBAND DISTRIBUTED AMPLIFIER
ADM-0026-5931SM MARKIMICROWAVE-ADM-0026-5931SM Datasheet
842Kb / 9P
   BROADBAND DISTRIBUTED AMPLIFIER
More results

同様の説明 - ADM-1F2721013

メーカー部品番号データシート部品情報
logo
JDS Uniphase Corporatio...
ADM-2F2721010 JDSU-ADM-2F2721010 Datasheet
94Kb / 4P
   Filter Add/Drop Module 200 GHz Spacing
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
JDS Uniphase Corporatio...
MDX-02ADCB1AA JDSU-MDX-02ADCB1AA Datasheet
127Kb / 4P
   Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com