データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST2N5089 データシート(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

部品番号 ST2N5089
部品情報  NPN Silicon Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2N5089 データシート(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST2N5089 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2N5089 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2N5089 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2N5089 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2N5089 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dated : 02/12/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2N5088 / 2N5089
NPN Silicon Epitaxial Planar Transistor
for switching and AF amplifier applications.
The transistor is subdivided into one group
according to it DC current gain. As complementary
type the PNP transistor ST 2N5086 and ST
2N5087 are recommended.
On special request, these transistors can be
manufactured in different pin configurations.
TO-92 Plastic Package
Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
35
V
Collector Emitter Voltage
VCEO
30
V
Emitter Base Voltage
VEBO
4.5
V
Collector Current
IC
50
mA
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
-55 to +150
O
C


同様の部品番号 - ST2N5089

メーカー部品番号データシート部品情報
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2N5087 SEMTECH_ELEC-ST2N5087 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
More results

同様の説明 - ST2N5089

メーカー部品番号データシート部品情報
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com