データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM280MH データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SM280MH
部品情報  2.0 Amp Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM280MH データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM280MH Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM280MH Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM220MH~SM2100MH
20 ~ 100 V
2.0 Amp Surface Mount Schottky Barrier Rectifiers
01-December-2008 Rev. A
Page 1 of 2
1
Cathode
2
Anode
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Batch process design, excellent power dissipation offers.
better reverse leakage current and thermal resistance.
Low profile surface mounted application.
in order to optimize board space.
Low power loss and low forward voltage drop
High surge, high current capability, and high efficiency.
Fast switching for high efficiency.
Guard-ring for overvoltage protection.
Ultra high-speed switching
Silicon epitaxial planar chip, metal silicon junction.
PACKAGING INFORMATION
Small plastic SMD package.
Case: Molded plastic
Epoxy: UL94-V0 rate flame retardant
Weight: 0.0110 g (Approximately)
MARKING CODE
Part Number
Marking Code
Part Number
Marking Code
SM220MH
22
SM260MH
26
SM230MH
23
SM280MH
28
SM240MH
24
SM2100MH
20
SM250MH
25
MAXIMUM RATINGS (Ta = 25°C unless otherwise specified.)
PART NUMBERS
PARAMETERS
SYMBOL
SM
220
MH
SM
230
MH
SM
240
MH
SM
250
MH
SM
260
MH
SM
280
MH
SM
2100
MH
UNITS
TESTING CONDITIONS
Recurrent Peak
Reverse Voltage (Max.)
VRRM
20
30
40
50
60
80
100
V
RMS Voltage (Max.)
VRMS
14
21
28
35
42
56
70
V
Reverse Voltage (Max.)
VR
20
30
40
50
60
80
100
V
Forward Voltage (Max.)
VF
0.50
0.70
0.85
V
Forward
Rectified Current (Max.)
IO
2.0
A
See Fig.1
Peak Forward Surge Current
IFSM
40
A
8.3ms single half sine-wave
superimposed on rated load
(JEDEC method)
0.5
VR=VRRM, Ta=25°C
Reverse Current (Max.)
IR
10
mA
VR=VRRM, Ta=125°C
Thermal Resistance (Typ.)
RθJA
85
°C/W
Junction to ambient
Diode Junction
Capacitance (Typ.)
CJ
160
pF
f=1MHz and applied 4V DC
reverse voltage
Storage and Operating
Temperature Range
TSTG, TJ
-65 ~ 175, -55 to 125
-65 ~ 175, -55 to 150
°C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.30
3.70
D
3.10 (MAX.)
B
1.40
1.80
E
0.80 (TYP.)
C
0.60
1.00
F
0.30 (TYP.)
E
E
F
B
C
D
A
SOD-123MH


同様の部品番号 - SM280MH

メーカー部品番号データシート部品情報
logo
Sinopower Semiconductor...
SM2801PSQ SINOPWER-SM2801PSQ Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2801PSQC-TRG SINOPWER-SM2801PSQC-TRG Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2802DSQ SINOPWER-SM2802DSQ Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
SM2802DSQC-TRG SINOPWER-SM2802DSQC-TRG Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
logo
DB Unlimited.
SM280404-1 DBUNLIMITED-SM280404-1 Datasheet
724Kb / 1P
   Released from Engineering
More results

同様の説明 - SM280MH

メーカー部品番号データシート部品情報
logo
Bytes
SM220B BYTES-SM220B Datasheet
153Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM220AF SECOS-SM220AF_15 Datasheet
237Kb / 2P
   2.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS22 YANGJIE-SS22 Datasheet
739Kb / 2P
   2.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS28F-80V-SMAF DGNJDZ-SS28F-80V-SMAF Datasheet
120Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS215A-150V-SMAF DGNJDZ-SS215A-150V-SMAF Datasheet
117Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AC DGNJDZ-SS220-200V-DO-214AC Datasheet
132Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS210A-100V-SMAF DGNJDZ-SS210A-100V-SMAF Datasheet
117Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AA DGNJDZ-SS220-200V-DO-214AA Datasheet
161Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS22A DGNJDZ-SS22A Datasheet
160Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK22-2A-DO-214AA DGNJDZ-SK22-2A-DO-214AA Datasheet
131Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SM220B GWSEMI-SM220B Datasheet
64Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com