データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STZ8068 データシート(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

部品番号 STZ8068
部品情報  SILICON PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

STZ8068 データシート(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  STZ8068 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. STZ8068 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. STZ8068 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. STZ8068 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. STZ8068 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 02/08/2006
STZ8000 Series
SILICON PLANAR ZENER DIODES
For stabilization of power supply application
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
300
mW
Repetitive Peak Forward Current
IFRM
200
mA
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Tamb = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
0.3
K/mW
Forward Voltage
at IF = 10 mA
VF
1
V
Top view
Simplified outline SOD-323 and symbol
PIN
1
2
DESCRIPTION
Cathode
Anode
PINNING
1
2


同様の部品番号 - STZ8068

メーカー部品番号データシート部品情報
logo
Shenzhen Jin Yu Semicon...
STZ8068 HTSEMI-STZ8068 Datasheet
595Kb / 5P
   Silicon Planar Zener Diodes
STZ8068A HTSEMI-STZ8068A Datasheet
595Kb / 5P
   Silicon Planar Zener Diodes
STZ8068B HTSEMI-STZ8068B Datasheet
595Kb / 5P
   Silicon Planar Zener Diodes
STZ8068C HTSEMI-STZ8068C Datasheet
595Kb / 5P
   Silicon Planar Zener Diodes
More results

同様の説明 - STZ8068

メーカー部品番号データシート部品情報
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com