データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4102 データシート(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

部品番号 1N4102
部品情報  SILICON PLANAR LOW NOISE ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N4102 データシート(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  1N4102 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N4102 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1N4102 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 20/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N4099…1N4135
Noise density, (N D) is specified in microvolts-rms per square-root-hertz.
Actual measurement is performed using a 1KHz to 8KHz frequency
bandpass filter at a constant Zener test current(I ZT) at 25 C ambient
temperature. ND is calculated from the formula.
TRUE
RMS
VOLT
METER
R
LOAD
BATTERY
POWER
SUPPLY
(LOW NOISE
SOURCE)
(-)
A
Vnoise
FILTER
fo=2KHz
sp=1.3KHz
AMPLIFIER
(+)
DC
BLOCKING
CAPACITOR
SHIELDED
TEST
CIRCUIT
Capacitance vs.
VZ Curve
0
10
40
120
Zener voltage
80
160
at -8 volts(VR)
20
100
20
at zero volt
200
200
Ambient Temperature: Ta ( C)
O
0
25
100
150
0
100
200
300
400
500
200
Power Derating Curve


同様の部品番号 - 1N4102

メーカー部品番号データシート部品情報
logo
Compensated Deuices Inc...
1N4102 CDI-DIODE-1N4102 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Micro Commercial Compon...
1N4102 MCC-1N4102 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4102 KNOX-1N4102 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4102 MICROSEMI-1N4102 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4102 MICROSEMI-1N4102 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

同様の説明 - 1N4102

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
   Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
Renesas Technology Corp
HZK-LL RENESAS-HZK-LL Datasheet
46Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
logo
Microsemi Corporation
1N4099 MICROSEMI-1N4099 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4099-1 MICROSEMI-1N4099-1 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com