データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM0520-36 データシート(PDF) 1 Page - Stealth Microwave, Inc.

部品番号 SM0520-36
部品情報  500-2000 MHz 4 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
ホームページ  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM0520-36 データシート(HTML) 1 Page - Stealth Microwave, Inc.

  SM0520-36 Datasheet HTML 1Page - Stealth Microwave, Inc. SM0520-36 Datasheet HTML 2Page - Stealth Microwave, Inc. SM0520-36 Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM0520-36/36H
500-2000 MHz
4 Watt Linear Power Amplifier
FOR LAB & WIDEBAND APPLICATIONS
Item
SM0520-36
SM0520-36H
Frequency Range
500 - 2000 MHz
500-2000 MHz
Pout (P1dB)
+ 36 dBm
+ 36 dBm
Third Order
Intercept Point
+ 48 dBm
+ 48 dBm
Linear Gain
20 dB ± 1.0 dB
35 dB ± 1.0 dB
Gain Flatness over
Full Band
± .5 dB
± .5 dB
Input/Output Return
Loss
-7 dB / -14 dB
-14 dB / -14 dB
DC Input Voltage
+ 12 Volts
+12 Volts
DC Input Current
1.9 Amperes
1.9 Amperes
Mechanical
Dimensions
(Without Heatsink)
5.0 x 2.5 x .563 in.
5.0 x 2.5 x .563 in
RF Connectors
SMA Female
SMA Female
Operating
Temperature
(Baseplate)
0ºC to +55ºC
0ºC to +55ºC
Operating Humidity
95% Non-
condensing
95% Non-
condensing
Operating Altitude
Up to 10,000 feet
above Sea Level
Up to 10,000 feet
above Sea Level
Model SM0520-36/36H is a 500 to 2000
MHz solid state GaAs FET amplifier
designed for multi-purpose use in multiple
wireless and military markets. With 1.5
GHz of bandwidth, this small amplifier
can be used in Cellular, DCS1800, GSM,
FMS, and PCS applications. This module
provides a minimum of +36 dBm of output
power at P1dB with an OIP3 of +48 dBm.
Two versions are available, the -36, with 20
dB of linear gain, and the -36H, with 33 dB
of linear gain. The gain flatness over the
entire 1.5 GHz bandwidth is ± 0.5 dB. The
unit
uses
the
latest
surface
mount
technologies to provide numerous features,
while maintaining a minimal size.
Features
• Mis-Match Protected
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
Options
• Logic On/Off Control
• Heatsink
• Voltage Regulation (+11 to +14.5
VDC input range)
Configurations
• Module
• Bench-Top-Lab Unit
• 19” Rack


同様の部品番号 - SM0520-36

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM0520FL SECOS-SM0520FL Datasheet
272Kb / 3P
   0.5 A Glass Passivated Surface Mount Rectifiers
More results

同様の説明 - SM0520-36

メーカー部品番号データシート部品情報
logo
Stealth Microwave, Inc.
SM2023-34HS STEALTH_MICROWAVE-SM2023-34HS Datasheet
94Kb / 2P
   2000-2300 MHz 3 Watt Linear Power Amplifier
SM2023-37HS STEALTH_MICROWAVE-SM2023-37HS Datasheet
116Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
SM2040-37 STEALTH_MICROWAVE-SM2040-37 Datasheet
140Kb / 3P
   2000-4000 MHz 5 Watt Linear Power Amplifier
SM2025-44L STEALTH_MICROWAVE-SM2025-44L Datasheet
174Kb / 3P
   2000-2500 MHz 25 Watt Linear Power Amplifier
SM1720-41L STEALTH_MICROWAVE-SM1720-41L Datasheet
104Kb / 2P
   1700-2000 MHz 12 Watt Linear Power Amplifier
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM2023-37H STEALTH_MICROWAVE-SM2023-37H Datasheet
89Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
SM2040-37H STEALTH_MICROWAVE-SM2040-37H Datasheet
91Kb / 3P
   2000-4000 MHz 5 Watt Linear Power Amplifier
SM1720-37H STEALTH_MICROWAVE-SM1720-37H Datasheet
93Kb / 2P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1720-50L STEALTH_MICROWAVE-SM1720-50L Datasheet
150Kb / 3P
   1700-2000 MHz 100 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com