データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM1920-52LD データシート(PDF) 1 Page - Stealth Microwave, Inc.

部品番号 SM1920-52LD
部品情報  1930 - 1990 MHz 160 Watt Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
ホームページ  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1920-52LD データシート(HTML) 1 Page - Stealth Microwave, Inc.

  SM1920-52LD Datasheet HTML 1Page - Stealth Microwave, Inc. SM1920-52LD Datasheet HTML 2Page - Stealth Microwave, Inc. SM1920-52LD Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1920-52LD
1930 - 1990 MHz
160 Watt Power Amplifier
Parameter
Specification
Frequency Range
1930 - 1990 MHz
RF Power @ 1dB
compression point
52 dBm (typ.)
Linear Gain
45 dB ± 1 dB
Gain Flatness over
Full Band
± .5 dB
Input VSWR
-16 dB
Output VSWR
(Built-in Isolator)
-16 dB
DC Input Voltage
+ 28 Volts
DC Current Operating
16 A @ +52 dBm (max.)
2.5 A @ +37 dBm.
Mechanical Dimensions
Without Heatsink
8.0 x 4.0 x .73 inches
RF Connectors
SMA Female
DC Connector
7W2 D-Sub
Operating Temperature
-30o C to +85o C
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM1920-52LD is an 1930 - 1990
MHz LDMOS amplifier designed for
various
military
and
commercial
applications.
Features
• Mis-Match Protected with Built-
In Isolator
• Single Power Supply
• Temperature Compensation
Options
• Linear Forward/Reverse Power
Detection (AD8362 Log amps)
• Temperature Monitor
• High speed Switching for TDD
with 1 us rise/fall time
• Logic On/Off Control
• Heatsink
Configurations
• Module
• 19” Rack


同様の部品番号 - SM1920-52LD

メーカー部品番号データシート部品情報
logo
Stealth Microwave, Inc.
SM1920-47L STEALTH_MICROWAVE-SM1920-47L Datasheet
127Kb / 2P
   1900-2000MHz 50 Watt Linear Power Amplifier
SM1920-47LQ STEALTH_MICROWAVE-SM1920-47LQ Datasheet
154Kb / 2P
   1900-2000MHz 50 Watt Linear Power Amplifier FOR PCS APPLICATIONS
More results

同様の説明 - SM1920-52LD

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MHW1910-1 NXP-MHW1910-1 Datasheet
147Kb / 8P
   1930-1990 MHz, 10W RF POWER LDMOS AMPLIFIER
REV 2
logo
Infineon Technologies A...
PTF191601 INFINEON-PTF191601 Datasheet
61Kb / 4P
   LDMOS RF Power Field Effect Transistor 160 W, 1930-1990 MHz
2004-03-17
PTF191601F INFINEON-PTF191601F Datasheet
206Kb / 10P
   Thermally-Enhnaced High Power RF LDMOS FETs 160 W, 1930-1990 MHz
2004-09-16
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B201T WALSIN-RFBPF1109B201T Datasheet
619Kb / 7P
   1930 ~ 1990 MHz Band Working Frequency
logo
Tyco Electronics
PH1920-45 MACOM-PH1920-45 Datasheet
146Kb / 2P
   WIRELESS BIPOLAR POWER TRASISTOR 45W 1930-1990 MHZ
logo
M/A-COM Technology Solu...
PH1920-45 MA-COM-PH1920-45 Datasheet
138Kb / 2P
   Wireless Bipolar Power Transistor 45W, 1930-1990 MHz
logo
Tyco Electronics
PH1920-33 MACOM-PH1920-33 Datasheet
133Kb / 2P
   Wireless Bipolar Power Transistor, 33W 1930 - 1990 MHz
logo
WALSIN TECHNOLOGY CORPO...
SF11091960B201T WALSIN-SF11091960B201T Datasheet
765Kb / 8P
   1930~1990 MHz Band Working Frequency
logo
Tyco Electronics
PH1920-90 MACOM-PH1920-90 Datasheet
48Kb / 1P
   Wireless Power Transistor 90 Watts, 1930-1990 MHz
logo
SIRENZA MICRODEVICES
XD010-24S-D2F SIRENZA-XD010-24S-D2F Datasheet
220Kb / 5P
   1930-1990 MHz Class A/AB 12W CDMA Driver Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com