データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM2122-52LD データシート(PDF) 4 Page - Stealth Microwave, Inc.

部品番号 SM2122-52LD
部品情報  2110-2170 MHz 160 Watt Peak Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
ホームページ  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2122-52LD データシート(HTML) 4 Page - Stealth Microwave, Inc.

  SM2122-52LD Datasheet HTML 1Page - Stealth Microwave, Inc. SM2122-52LD Datasheet HTML 2Page - Stealth Microwave, Inc. SM2122-52LD Datasheet HTML 3Page - Stealth Microwave, Inc. SM2122-52LD Datasheet HTML 4Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2122-52LD
2110-2170 MHz
160 Watt Peak Power Amplifier
FOR UMTS APPLICATIONS
A2
A1
J1 CONNECTOR PINOUT
Pin
Description
Values
RF INPUT
Input Connector ( SMA Female )
+8 dBm (max.)
RF OUTPUT
Output Connector (SMA Female)
+ 52 dBm @ P1dB (typ.)
A1
+VDC
+28V
A2
GND
--
1
TTL On/Off`
+5V = on / 0V = off (if equipped)
2
Reflected power detection
Set to 3.35 V @ 40dBm of CW reflected power
Detector Slope: 60 mV / dB
3
GND
--
4
Temp
Temp in deg C = (Voltage on pin - .500)*100
e.g. .90 V = 40 deg C
5
Forward Power Detection
Set to 4.00 V @ 52 dBm of CW output power into 50
Detector Slope: 60 mV / dB


同様の部品番号 - SM2122-52LD

メーカー部品番号データシート部品情報
logo
Stealth Microwave, Inc.
SM2122-44L STEALTH_MICROWAVE-SM2122-44L Datasheet
174Kb / 3P
   2100-2200MHz 25 Watt Linear Power Amplifier
More results

同様の説明 - SM2122-52LD

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SKY66184-11 SKYWORKS-SKY66184-11 Datasheet
1,001Kb / 14P
   2110 to 2170 MHz Linear Power Amplifier
logo
Tyco Electronics
PA1223 MACOM-PA1223 Datasheet
66Kb / 2P
   2110-2170 MHz. 5 Watt 28v. GaAs Ultra Linear Power Amplifier
logo
WALSIN TECHNOLOGY CORPO...
SF11092140B102T WALSIN-SF11092140B102T Datasheet
734Kb / 8P
   2110~2170 MHz Band Working Frequency
logo
Stealth Microwave, Inc.
SM1920-52LD STEALTH_MICROWAVE-SM1920-52LD Datasheet
150Kb / 3P
   1930 - 1990 MHz 160 Watt Power Amplifier
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
   1805 - 1880 MHz 160 Watt Power Amplifier
logo
M/A-COM Technology Solu...
MAFR-000355-000001 MA-COM-MAFR-000355-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2110 MHz-2170 MHz
MAFR-000087-US1C1T MA-COM-MAFR-000087-US1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2110 MHz-2170 MHz
logo
Tyco Electronics
MAMXES0050 MACOM-MAMXES0050 Datasheet
133Kb / 2P
   E-Series Surface Mount Mixer 2110 - 2170 MHz
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
logo
Infineon Technologies A...
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com