データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBXDBB018 データシート(PDF) 1 Page - ON Semiconductor

部品番号 NBXDBB018
部品情報  Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXDBB018 データシート(HTML) 1 Page - ON Semiconductor

  NBXDBB018 Datasheet HTML 1Page - ON Semiconductor NBXDBB018 Datasheet HTML 2Page - ON Semiconductor NBXDBB018 Datasheet HTML 3Page - ON Semiconductor NBXDBB018 Datasheet HTML 4Page - ON Semiconductor NBXDBB018 Datasheet HTML 5Page - ON Semiconductor NBXDBB018 Datasheet HTML 6Page - ON Semiconductor NBXDBB018 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2009
March, 2009 − Rev. 2
1
Publication Order Number:
NBXDBB018/D
NBXDBB018, NBXDBA018
3.3 V, 155.52 MHz /
311.04MHz LVPECL Clock
Oscillator
The NBXDBB018 dual frequency crystal oscillator (XO) is
designed to meet today’s requirements for 3.3 V LVPECL clock
generation applications. The device uses a high Q fundamental crystal
and Phase Lock Loop (PLL) multiplier to provide selectable 155.52
MHz or 311.04 MHz, ultra low jitter and phase noise LVPECL
differential output.
This device is a member of ON Semiconductor’s PureEdge
t clock
family that provides accurate and precision clock solutions.
Available in 5 mm x 7 mm SMD (CLCC) package on 16 mm tape
and reel in quantities of 1000. Frequency stability options available as
either 50 PPM NBXDBA018 (Industrial Temperature Range) or
20 PPM NBXDBB018 (Commercial Temperature Range).
Features
LVPECL Differential Output
Uses High Q Fundamental Mode Crystal and PLL Multiplier
Ultra Low Jitter and Phase Noise − 0.4 ps (12 kHz − 20 MHz)
Selectable Output Frequency − 155.52 MHz (default) / 311.04 MHz
Hermetically Sealed Ceramic SMD Package
RoHS Compliant
Operating Range 3.3 V ±10%
Total Frequency Stability − ±20 PPM or ±50 PPM
This is a Pb−Free Device
Applications
Networking
SONET
SDH
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
Crystal
GND
FSEL
OE
CLK CLK
VDD
65
4
12
3
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NBXDBB018LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
MARKING DIAGRAM
NBXDBA018 = NBXDBA018 (±50 PPM)
NBXDBB018 = NBXDBB018 (±20 PPM)
155.52/311.04 = Output Frequency (MHz)
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBXDBB018
155.52/311.04
AWLYYWWG
NBXDBA018LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
NBXDBA018
155.52/311.04
AWLYYWWG
NBXDBB018LNHTAG CLCC−6
(Pb−Free)
100/
Tape & Reel
NBXDBA018LNHTAG CLCC−6
(Pb−Free)
100/
Tape & Reel


同様の部品番号 - NBXDBB018

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBXDBB018 ONSEMI-NBXDBB018 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB018LN1TAG ONSEMI-NBXDBB018LN1TAG Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB018LNHTAG ONSEMI-NBXDBB018LNHTAG Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results

同様の説明 - NBXDBB018

メーカー部品番号データシート部品情報
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com