データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBXSBB021 データシート(PDF) 1 Page - ON Semiconductor

部品番号 NBXSBB021
部品情報  Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSBB021 データシート(HTML) 1 Page - ON Semiconductor

  NBXSBB021 Datasheet HTML 1Page - ON Semiconductor NBXSBB021 Datasheet HTML 2Page - ON Semiconductor NBXSBB021 Datasheet HTML 3Page - ON Semiconductor NBXSBB021 Datasheet HTML 4Page - ON Semiconductor NBXSBB021 Datasheet HTML 5Page - ON Semiconductor NBXSBB021 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2008
May, 2008 - Rev. 1
1
Publication Order Number:
NBXSBB021/D
NBXSBA021, NBXSBB021
3.3 V, 266.667 MHz LVPECL
Clock Oscillator
The NBXSBB021/NBXSBA021 single frequency crystal oscillator
(XO) is designed to meet today's requirements for 3.3V LVPECL
clock generation applications. The device uses a high Q fundamental
crystal and Phase Lock Loop (PLL) multiplier to provide
266.667 MHz, ultra low jitter and phase noise LVPECL differential
output.
This device is a member of ON Semiconductor's PureEdge
t clock
family that provides accurate and precision clock solutions.
Available in 5 mm x 7 mm SMD (CLCC) package on 16 mm tape
and reel in quantities of 1,000. Frequency stability options available as
either 50 PPM NBXSBA021 or 20 PPM NBXSBB021.
Features
LVPECL Differential Output
Uses High Q Fundamental Mode Crystal and PLL Multiplier
Ultra Low Jitter and Phase Noise - 0.4 ps (12 kHz - 20 MHz)
Output Frequency - 266.667 MHz
Hermetically Sealed Ceramic SMD Package
RoHS Compliant
Operating Range 3.3 V ±10%
Total Frequency Stability - ±20 PPM or ±50 PPM
Applications
Servers
Fully Buffered DIMM
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
Crystal
GND
NC
OE
CLK CLK
VDD
65
4
12
3
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NBXSBB021LN1TAG*
CLCC-6
(Pb-Free)
1000/
Tape & Reel
MARKING DIAGRAMS
NBXSBB021
= NBXSBB021 (
±20 PPM)*
NBXSBA021
= NBXSBA021 (
±50 PPM)
266.667
= Output Frequency (MHz)
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBXSBB021
266.667
AWLYYWW
NBXSBA021LN1TAG
CLCC-6
(Pb-Free)
1000/
Tape & Reel
NBXSBA021
266.667
AWLYYWW
* Please contact sales office for availability


同様の部品番号 - NBXSBB021

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBXSBB021 ONSEMI-NBXSBB021 Datasheet
131Kb / 6P
   3.3 V, 266.667 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBB021LN1TAG ONSEMI-NBXSBB021LN1TAG Datasheet
131Kb / 6P
   3.3 V, 266.667 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results

同様の説明 - NBXSBB021

メーカー部品番号データシート部品情報
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com