データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3134-47L データシート(PDF) 1 Page - Stealth Microwave, Inc.

部品番号 SM3134-47L
部品情報  3100-3400 MHz 50 Watt Ultra Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
ホームページ  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM3134-47L データシート(HTML) 1 Page - Stealth Microwave, Inc.

  SM3134-47L Datasheet HTML 1Page - Stealth Microwave, Inc. SM3134-47L Datasheet HTML 2Page - Stealth Microwave, Inc. SM3134-47L Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM3134-47L
3100-3400 MHz
50 Watt Ultra Linear Power Amplifier
FOR BROADBAND WIRELESS ACCESS
Parameter
Specification
Frequency Range
3.1 – 3.4 GHz
Pout (P1dB)
+ 47 dBm (min @ band
edges)
Pout OFDM
+36 dBm with 45 dBc spectral
regrowth.
Linear Gain
55 dB ± 1 dB
Gain Flatness over
Full Band
± .5 dB
Gain Change over
Temperature
± .5 dB
Input/Output Return Loss
-14 dB /-18 dB
(Output isolator available)
Power Supply
+ 12 Volts @ 15 Amps at
P1dB, 9 Amps at +36 dBm
(Varies per application)
Mechanical Dimensions
(Without Heatsink)
7.5 x 4.0 x .79 inches
RF Connectors
SMA Female
Operating Temperature
(Baseplate)
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
The SM3134-47L is a 3.1 to 3.4 GHz solid
state GaAs FET amplifier designed for the
Broadband Wireless Access market. The
amplifier provides 56 dB of linear gain and
+47 dBm of output power at P1dB. Our
proprietary linearization technique improves
the OIP3 by 3 dB. The design provides
ultra-linear performance for rigorous system
requirements.
Features
• Mis-Match Protected
• Single Power Supply
• Over Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
• Integral Output Isolator
Options
• Forward/Reverse Power Detection
• RF Sampling
• Pulse Control up to 1µs for TDD
with RF Isolation
• Logic On/Off Control
• Integral Heatsink
Configurations
• Module
• 19” Rack
• Bench Top lab Unit


同様の部品番号 - SM3134-47L

メーカー部品番号データシート部品情報
logo
Stealth Microwave, Inc.
SM3134-37HS STEALTH_MICROWAVE-SM3134-37HS Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
SM3134-37S STEALTH_MICROWAVE-SM3134-37S Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
More results

同様の説明 - SM3134-47L

メーカー部品番号データシート部品情報
logo
Stealth Microwave, Inc.
SM3134-37HS STEALTH_MICROWAVE-SM3134-37HS Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
SM3134-37S STEALTH_MICROWAVE-SM3134-37S Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
SM3436-47L STEALTH_MICROWAVE-SM3436-47L Datasheet
166Kb / 3P
   3400-3600 MHz 50 Watt Ultra Linear Power Amplifier
SM3436-47 STEALTH_MICROWAVE-SM3436-47 Datasheet
214Kb / 2P
   3400-3600 MHz 50 Watt Linear Power Amplifier
SM3436-40 STEALTH_MICROWAVE-SM3436-40 Datasheet
108Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
SM3436-40L STEALTH_MICROWAVE-SM3436-40L Datasheet
135Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
SM3437-43L STEALTH_MICROWAVE-SM3437-43L Datasheet
149Kb / 2P
   3400-3700 MHz 20 Watt Linear Power Amplifier
SM3437-43 STEALTH_MICROWAVE-SM3437-43 Datasheet
109Kb / 2P
   3400-3700 MHz 20 Watt Linear Power Amplifier
SM3436-37HS STEALTH_MICROWAVE-SM3436-37HS Datasheet
114Kb / 4P
   3400-3600 MHz 5 Watt Linear Power Amplifier
SM3436-34HS STEALTH_MICROWAVE-SM3436-34HS Datasheet
92Kb / 2P
   3400 - 3600 MHz 2.5 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com