データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3436-37HS データシート(PDF) 1 Page - Stealth Microwave, Inc.

部品番号 SM3436-37HS
部品情報  3400-3600 MHz 5 Watt Linear Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
ホームページ  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM3436-37HS データシート(HTML) 1 Page - Stealth Microwave, Inc.

  SM3436-37HS Datasheet HTML 1Page - Stealth Microwave, Inc. SM3436-37HS Datasheet HTML 2Page - Stealth Microwave, Inc. SM3436-37HS Datasheet HTML 3Page - Stealth Microwave, Inc. SM3436-37HS Datasheet HTML 4Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM3436-37HS
3400-3600 MHz
5 Watt Linear Power Amplifier
FOR ISM, WCS, & BWA APPLICATIONS
Parameter
Specification
Frequency Range
3.4 – 3.6 GHz
Pout (P1dB)
+ 37 dBm
Third Order Intercept Point
+ 50 dBm
Linear Gain
33 dB ± 1.0 dB
Gain Flatness over
Full Band
± .5 dB
Input/Output Return Loss
-14 dB / -14dB
DC Input Voltage
+12 Volts (+10 V Operation
Available)
DC Input Current
1.9 Amperes (typ.)
Mechanical Dimensions
(Without Heatsink)
4.7 x 2.0 x 0.54 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
The SM3436-37HS is a solid state GaAs
amplifier designed primarily for multiple
wireless markets. With 200 MHz of
bandwidth, the amplifier can be used in
Industrial
Scientific
Medical
(ISM),
Wireless Communications Systems (WCS),
and Broadband Wireless Access (BWA)
applications. This amplifier operates from
3400 to 3600 MHz, provides 36 dB of gain,
± 0.5 dB gain flatness over the full band,
and +37 dBm of output power at the 1 dB
compression
point.
This
highly
linear
design provides an output third order
intercept point of + 50 dBm. The amplifier
operates off a single supply of +12V (+10V
available as an option) and 1.9 A (typ). The
unit
uses
the
latest
surface
mount
technologies to provide numerous features
while maintaining a very small size.
Features
• Mis-Match Protected
• Over Voltage Protection
• Thermal Protection with Auto Reset
Options
• Logic On/Off Control
• Integral Heatsink
• Single DC Supply of +10 V
• High Speed Switching for TDD
Configurations
• Module
• 19” Rack


同様の部品番号 - SM3436-37HS

メーカー部品番号データシート部品情報
logo
Stealth Microwave, Inc.
SM3436-34HS STEALTH_MICROWAVE-SM3436-34HS Datasheet
92Kb / 2P
   3400 - 3600 MHz 2.5 Watt Linear Power Amplifier
More results

同様の説明 - SM3436-37HS

メーカー部品番号データシート部品情報
logo
Stealth Microwave, Inc.
SM3436-34HS STEALTH_MICROWAVE-SM3436-34HS Datasheet
92Kb / 2P
   3400 - 3600 MHz 2.5 Watt Linear Power Amplifier
SM3436-47 STEALTH_MICROWAVE-SM3436-47 Datasheet
214Kb / 2P
   3400-3600 MHz 50 Watt Linear Power Amplifier
SM3436-40 STEALTH_MICROWAVE-SM3436-40 Datasheet
108Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
SM3436-47L STEALTH_MICROWAVE-SM3436-47L Datasheet
166Kb / 3P
   3400-3600 MHz 50 Watt Ultra Linear Power Amplifier
SM3436-40L STEALTH_MICROWAVE-SM3436-40L Datasheet
135Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
SM3134-37HS STEALTH_MICROWAVE-SM3134-37HS Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
SM3134-37S STEALTH_MICROWAVE-SM3134-37S Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
SM3437-43L STEALTH_MICROWAVE-SM3437-43L Datasheet
149Kb / 2P
   3400-3700 MHz 20 Watt Linear Power Amplifier
SM3437-43 STEALTH_MICROWAVE-SM3437-43 Datasheet
109Kb / 2P
   3400-3700 MHz 20 Watt Linear Power Amplifier
SM3134-47L STEALTH_MICROWAVE-SM3134-47L Datasheet
170Kb / 3P
   3100-3400 MHz 50 Watt Ultra Linear Power Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com