データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3436-40L データシート(PDF) 1 Page - Stealth Microwave, Inc.

部品番号 SM3436-40L
部品情報  3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
ホームページ  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM3436-40L データシート(HTML) 1 Page - Stealth Microwave, Inc.

  SM3436-40L Datasheet HTML 1Page - Stealth Microwave, Inc. SM3436-40L Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM3436-40L
3400-3600 MHz
10 Watt Ultra Linear Power Amplifier
FOR BWA APPLICATIONS
Stealth Microwave’s SM3436-40L is an
affordable
solid
state
GaAs
amplifier
designed
primarily
for
the
3.5
GHz
Broadband Wireless Access markets. Its
compact size and high linearity make it
ideally suited for systems using TD-CDMA
and WiMAX. The amplifier operates from
3.4 to 3.6 GHz, provides 45 dB of Linear
Gain, has a P1dB of +40 dBm, and OFDM
output power of 34 dBm at 45dBc ACPR
(min).
Features
• Built in Linearizer
• Mis-Match Protected
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
Options
• Forward/Reverse Power Detection
• RF Sample Port
• TTL On/Off Control
• High Speed Switching for TDD
• Integral Heatsink
Configurations
• Module
• 19” Rack
Parameter
Specification
Frequency Range
3.4 – 3.6 GHz
Pout (P1dB)
+ 38 dBm (typ.)
ACPR for +34dBm
10MHz OFDM output
-45 dBc (min.)
Linear Gain
45 dB ± 1 dB
Gain Flatness over
Full Band
± .5 dB
Input/Output Return Loss
-16 dB / -16dB
DC Supply
+ 12 Volts @ 4 Amperes
Harmonic Filter
(Optional)
- 55 dBc
Mechanical Dimensions
7.5 x 3.74 x 2.0 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level


同様の部品番号 - SM3436-40L

メーカー部品番号データシート部品情報
logo
Stealth Microwave, Inc.
SM3436-40 STEALTH_MICROWAVE-SM3436-40 Datasheet
108Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
More results

同様の説明 - SM3436-40L

メーカー部品番号データシート部品情報
logo
Stealth Microwave, Inc.
SM3436-40 STEALTH_MICROWAVE-SM3436-40 Datasheet
108Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
SM3436-47L STEALTH_MICROWAVE-SM3436-47L Datasheet
166Kb / 3P
   3400-3600 MHz 50 Watt Ultra Linear Power Amplifier
SM3436-34HS STEALTH_MICROWAVE-SM3436-34HS Datasheet
92Kb / 2P
   3400 - 3600 MHz 2.5 Watt Linear Power Amplifier
SM3436-37HS STEALTH_MICROWAVE-SM3436-37HS Datasheet
114Kb / 4P
   3400-3600 MHz 5 Watt Linear Power Amplifier
SM3436-47 STEALTH_MICROWAVE-SM3436-47 Datasheet
214Kb / 2P
   3400-3600 MHz 50 Watt Linear Power Amplifier
SM3134-47L STEALTH_MICROWAVE-SM3134-47L Datasheet
170Kb / 3P
   3100-3400 MHz 50 Watt Ultra Linear Power Amplifier
SM3437-43L STEALTH_MICROWAVE-SM3437-43L Datasheet
149Kb / 2P
   3400-3700 MHz 20 Watt Linear Power Amplifier
SM3134-37HS STEALTH_MICROWAVE-SM3134-37HS Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
SM3437-43 STEALTH_MICROWAVE-SM3437-43 Datasheet
109Kb / 2P
   3400-3700 MHz 20 Watt Linear Power Amplifier
SM3134-37S STEALTH_MICROWAVE-SM3134-37S Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com