データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N19 データシート(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

部品番号 1N19
部品情報  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N19 データシート(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N19 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N19 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 23/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N17 ~ 1N19
SCHOTTKY BARRIER RECTIFIERS
Reverse Voltage – 20 to 40 Volts
R-1
Forward current – 1.0 Amperes
Features
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency
• High current capability low forward voltage drop
• High surge capability
• For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Mechanical data
• Case: R-1 molded plastic body
• Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026
• Polarity: color band denotes cathode end
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25
oC ambient temperature unless otherwise specified.
Symbols
1N17
1N18
1N19
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
Volts
Maximum RMS voltage
VRMS
14
21
28
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
Volts
Maximum Non-repetitive Peak Reverse Voltage
VRSM
24
36
48
Volts
Maximum Average Forward Rectified Current
0.375” (9.5mm) Lead Length At TL = 90
OC
I(AV)
1
Amps
Peak Forward Surge Current, 8.3ms Single half sine-wave
Superimposed On Rated Load (JEDEC method) At TL = 70
OC
IFSM
25
Amps
Maximum Instantaneous Forward Voltage At 1 A
Maximum Instantaneous Forward Voltage At 3.1 A
VF
VF
0.45
0.75
0.550
0.875
0.60
0.90
Volts
Volts
TA = 25
OC
0.5
mAmps
Maximum Instantaneous Reverse Current at
Rated DC Blocking Voltage
TA = 100
OC
IR
10
mAmps
Typical Thermal Resistance
RθJA
RθJL
50
15
OC/W
Typical Junction Capacitance
CJ
110
pF
Storage and Operating Junction Temperature Range
TJ ,TS
-65 to +125
OC
Notes: 1. Pulse test: 300μs pulse width, 1% duty cycle
2. Thermal resistance (from junction to ambient) Vertical P.B.C. MOUNTED, 0.5” (12.7 mm) lead length
3. Measured at 1.0MHz and reverse voltage of 4.0 volts


同様の部品番号 - 1N19

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
1N19 RECTRON-1N19 Datasheet
23Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
1N19 CHENDA-1N19 Datasheet
534Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
1N19 MCC-1N19 Datasheet
370Kb / 2P
   1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Diode Semiconductor Kor...
1N19 DSK-1N19 Datasheet
268Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Rectron Semiconductor
1N19 RECTRON-1N19 Datasheet
262Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
More results

同様の説明 - 1N19

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com