データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST-2SA952 データシート(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

部品番号 ST-2SA952
部品情報  PNP Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST-2SA952 データシート(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST-2SA952 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST-2SA952 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 24/05/2008
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SA952
PNP Silicon Epitaxial Planar Transistor
for switching and AF amplifier applications.
The transistor is subdivided into three group, M, L
and K according to its DC current gain.
On special request, these transistors can be
manufactured in different pin configurations.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
30
V
Collector Emitter Voltage
-VCEO
25
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
700
mA
Base Current
-IB
150
mA
Power Dissipation
Ptot
600
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at -VCE = 1 V, -IC = 100 mA
Current Gain Group
at -VCE = 1 V, -IC = 700 mA
M
L
K
hFE
hFE
hFE
hFE
90
135
200
50
180
270
400
-
-
-
-
-
Collector Base Cutoff Current
at -VCB = 30 V
-ICBO
-
100
nA
Emitter Base Cutoff Current
at -VEB = 5 V
-IEBO
-
100
nA
Collector Emitter Saturation Voltage
at -IC = 700 mA, -IB = 70 mA
-VCE(sat)
-
0.6
V
Base Emitter Saturation Voltage
at -IC = 700 mA, -IB = 70 mA
-VBE(sat)
-
1.2
V
Base Emitter Voltage
at -VCE = 6 V, -IC = 10 mA
-VBE
0.6
0.7
V
Gain Bandwidth Product
at -VCE = 6 V, -IE = 10 mA
fT
50
-
MHz
Collector to Base Capacitance
at -VCB = 6 V, f = 1 MHz
COB
-
40
pF
1. Emitter 2. Collector 3. Base
TO-92 Plastic Package


同様の部品番号 - ST-2SA952

メーカー部品番号データシート部品情報
logo
SEMTECH ELECTRONICS LTD...
ST-2SA1020 SEMTECH_ELEC-ST-2SA1020 Datasheet
211Kb / 2P
   PNP Silicon Epitaxial Transistor
More results

同様の説明 - ST-2SA952

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com