データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFR153 データシート(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

部品番号 SFR153
部品情報  SOFT FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SFR153 データシート(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SFR153 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SFR153 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 20/06/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SFR151 THRU SFR157
SOFT FAST RECOVERY RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 1.5 Amperes
Features
• Low forward voltage drop.
• High current capability.
• High reliability.
• High surge current capability.
• Fast switching for high efficiency.
Mechanical Data
• Cases: Molded plastic
• Lead: Axial leads, solderable per MIL-STD-202,
Method 208 guaranteed.
• Polarity: Color band denotes cathode end
• High temperature soldering guaranteed:
250oC/10 seconds/ 0.375”, (9.5mm) lead
lengths at 5 Ibs., (2.3kg) tension
Absolute Maximum Ratings and Characteristics
Rating at 25
oC ambient temperature unless otherwise specified. Single-phase, half wave, 60Hz, resistive or inductive
load. For capacitive load, derate current by 20%.
Symbols
SFR
151
SFR
152
SFR
153
SFR
154
SFR
155
SFR
156
SFR
157
Units
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA = 55
OC
I(AV)
1.5
A
Peak forward surge current ,
8.3mS single half sine-wave superimposed
on rated load (JEDEC method)
IFSM
50
A
Maximum instantaneous forward voltage @ 1.5A
VF
1.2
V
Maximum DC reverse current
@ TA = 25
OC
at rated DC blocking voltage
@ TA = 75
OC
IR
IR
5
100
µA
µA
Maximum reverse recovery time (Note 1)
Trr
120
200
350
nS
Typical junction capacitance (Note 2)
CJ
30
pF
Operating temperature range
TJ
-65 to +150
OC
Storage temperature range
TS
-65 to +150
OC
Note: (1) Reverse recovery test conditions: IF = 0.5A, IR = 1A , IRR = 0.25A.
(2) Measured at 1 MHz and applied reverse voltage of 4 Volts D.C.


同様の部品番号 - SFR153

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SFR153 JGD-SFR153 Datasheet
138Kb / 2P
   1.5 AMPS. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR153 TSC-SFR153 Datasheet
66Kb / 2P
   1.5 AMPS. Soft Fast Recovery Rectifiers
SFR153 TSC-SFR153 Datasheet
240Kb / 2P
   1.5 AMPS. Soft Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
SFR153 DSK-SFR153 Datasheet
282Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
SFR153 LUGUANG-SFR153 Datasheet
617Kb / 2P
   1.5 AMP. Soft Fast Recovery Rectifiers
More results

同様の説明 - SFR153

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYD43 PHILIPS-BYD43 Datasheet
67Kb / 11P
   Fast soft-recovery rectifiers
1996 Jun 05
PRS07 PHILIPS-PRS07 Datasheet
61Kb / 9P
   Fast soft-recovery rectifiers
Rev. 02-26 July 2004
logo
Shenzhen Luguang Electr...
SFR201 LUGUANG-SFR201 Datasheet
1Mb / 2P
   2.0AMP. Soft Fast Recovery Rectifiers
logo
Vishay Siliconix
BYV98 VISHAY-BYV98 Datasheet
37Kb / 3P
   Very Fast Soft-Recovery Rectifiers
Rev. 2, 24-Jun-98
logo
SEMTECH ELECTRONICS LTD...
BY500-100 SEMTECH_ELEC-BY500-100 Datasheet
177Kb / 2P
   SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR1T1 TSC-SFR1T1 Datasheet
61Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
logo
NXP Semiconductors
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
Taiwan Semiconductor Co...
SFR301 TSC-SFR301_1 Datasheet
243Kb / 2P
   3.0 AMPS. Soft Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
SFR1A1 JGD-SFR1A1 Datasheet
138Kb / 2P
   1.0 AMP. SOFT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com