データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W10 データシート(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

部品番号 W10
部品情報  1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

W10 データシート(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  W10 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. W10 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 03/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
TJ=25 C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 3-TYPICAL FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
FIG. 1-MAXIMUM FORWARD SURGE CURRENT
10
0.1
0.6
0.4
0.8
1.0
10
TYPICAL
DISTRIBUTION
o
TJ=25 C
0
10
1
1
60
50
40
30
20
0.6
140
1.2
1.0
1.4
PERCENT OF RATED PEAK
REVERSE VOLTAGE
60
20
0
0
40
0.1
80
100
120
100
FIG. 4-TYPICAL REVERSE
CHARACTERISTICS
1.0
10
AMBIENT TEMPERATURE, C
0
20
40
60
0.2
0.4
80
100
120
o
140
RATING AND CHARACTERISTICS CURVES
o
FIG. 2-DERATING CURVE
OUTPUT RECTIFIED CURRENT
1.2
0.8
1.0
1.4
1.6
0.01
W005 THRU W10


同様の部品番号 - W10

メーカー部品番号データシート部品情報
logo
Surge Components
W10 SURGE-W10 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Shenzhen Yixinwei Techn...
W10 YIXIN-W10 Datasheet
250Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Daya Electric Group Co....
W10 DAYA-W10 Datasheet
94Kb / 2P
   1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
W10 YFWDIODE-W10 Datasheet
119Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Semtech Corporation
W10 SEMTECH-W10 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
More results

同様の説明 - W10

メーカー部品番号データシート部品情報
logo
SEMTECH ELECTRONICS LTD...
RB151 SEMTECH_ELEC-RB151 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
W-005M-LFR FRONTIER-W-005M-LFR Datasheet
121Kb / 2P
   1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
W-005M FRONTIER-W-005M Datasheet
121Kb / 2P
   1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
Semtech Corporation
RB151 SEMTECH-RB151 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Formosa MS
KBP00 FORMOSA-KBP00 Datasheet
127Kb / 6P
   1.5A Miniature Single-Phase Silicon Bridge Rectifiers-50-1000V
logo
Chip Integration Techno...
DF151 CITC-DF151 Datasheet
91Kb / 3P
   1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF1505 CITC-DF1505 Datasheet
149Kb / 3P
   1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Rugao Dachang Electroni...
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com