データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT543ADW データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ABT543ADW
部品情報  OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT543ADW データシート(HTML) 4 Page - Texas Instruments

  SN74ABT543ADW Datasheet HTML 1Page - Texas Instruments SN74ABT543ADW Datasheet HTML 2Page - Texas Instruments SN74ABT543ADW Datasheet HTML 3Page - Texas Instruments SN74ABT543ADW Datasheet HTML 4Page - Texas Instruments SN74ABT543ADW Datasheet HTML 5Page - Texas Instruments SN74ABT543ADW Datasheet HTML 6Page - Texas Instruments SN74ABT543ADW Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN74ABT543A
OCTAL REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCBS464A – JUNE 1992 – REVISED JUNE 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
–1.2
–1.2
V
VCC = 4.5 V,
IOH = – 3 mA
2.5
2.5
VOH
VCC = 5 V,
IOH = – 3 mA
3
3
V
VOH
VCC =4 5V
IOH = –24 mA
2
V
VCC = 4.5 V
IOH = – 32 mA
2
VOL
VCC =4 5V
IOL = 48 mA
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55
V
II
VCC =5 5V
VI =VCC or GND
Control inputs
±1
±1
µA
II
VCC = 5.5 V,
VI = VCC or GND
A or B ports
±100
±100
µA
IOZH‡
VCC = 5.5 V,
VO = 2.7 V
50
50
µA
IOZL‡
VCC = 5.5 V,
VO = 0.5 V
–50
–50
µA
IOFF
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
µA
IO§
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–180
mA
VCC = 5.5 V,
Outputs high
1
250
250
µA
ICC
VCC 5.5 V,
IO = 0,
A or B ports
Outputs low
24
34
34
mA
VI = VCC or GND
Outputs disabled
0.5
250
250
µA
∆ICC¶
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
mA
Ci
VI = 2.5 V or 0.5 V
Control inputs
4
pF
Cio
VO = 2.5 V or 0.5 V
A or B ports
7
pF
† All typical values are at VCC = 5 V.
‡ The parameters IOZH and IOZL include the input leakage current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
tw
Pulse duration, LEAB or LEBA low
3.5
3.5
ns
Data before LEAB or LEBA
High
2.5
2.5
t
Setup time
Data before LEAB or LEBA
Low
3
3
ns
tsu
Setup time
Data before CEAB or CEBA
High
2.5
2.5
ns
Data before CEAB or CEBA
Low
2.5
2.5
th
Hold time
Data after LEAB or LEBA
1
1
ns
th
Hold time
Data after CEAB or CEBA
1
1
ns


同様の部品番号 - SN74ABT543ADW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT543ADW TI-SN74ABT543ADW Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT543ADW TI-SN74ABT543ADW Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT543ADW TI-SN74ABT543ADW Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT543ADWE4 TI-SN74ABT543ADWE4 Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT543ADWE4 TI-SN74ABT543ADWE4 Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ABT543ADW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11544 TI1-74ACT11544 Datasheet
117Kb / 8P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT543 FAIRCHILD-74ABT543 Datasheet
78Kb / 8P
   Octal Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC543A TI-SN74LVC543A_06 Datasheet
202Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI-SN74F543 Datasheet
96Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com