データシートサーチシステム |
|
SN74ABT7819-10PN データシート(PDF) 3 Page - Texas Instruments |
|
SN74ABT7819-10PN データシート(HTML) 3 Page - Texas Instruments |
3 / 20 page SN74ABT7819 512 × 18 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY SCBS125G – JULY 1992 – REVISED JULY 1998 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) The state of the B0–B17 outputs is controlled by CSB and W/RB. When both CSB and W/RB are low, the outputs are active. The B0–B17 outputs are in the high-impedance state when either CSB or W/RB is high. Data is written to FIFOB–A from port B on the low-to-high transition of CLKB when CSB is low, W/RB is high, WENB is high, and the IRB flag is high. Data is read from FIFOA–B to the B0–B17 outputs on the low-to-high transition of CLKB when CSB is low, W/RB is low, RENB is high, and the ORB flag is high. The setup- and hold-time constraints for the chip selects (CSA, CSB) and write/read selects (W/RA, W/RB) enable write and read operations on memory and are not related to the high-impedance control of the data outputs. If a port read enable (RENA or RENB) and write enable (WENA or WENB) are set low during a clock cycle, the chip select and write/read select can switch at any time during the cycle to change the state of the data outputs. The input-ready (IR) and output-ready (OR) flags of a FIFO are two-stage synchronized to the port clocks for use as reliable control signals. CLKA synchronizes the status of the input-ready flag of FIFOA–B (IRA) and the output-ready flag of FIFOB–A (ORA). CLKB synchronizes the status of the input-ready flag of FIFOB–A (IRB) and the output-ready flag of FIFOA–B (ORB). When the IR flag of a port is low, the FIFO receiving input from the port is full and writes are disabled to its array. When the OR flag of a port is low, the FIFO that outputs data to the port is empty and reads from its memory are disabled. The first word loaded to an empty memory is sent to the FIFO output register at the same time its OR flag is asserted (high). When the memory is read empty and the OR flag is forced low, the last valid data remains on the FIFO outputs until the OR flag is asserted (high) again. In this way, a high on the OR flag indicates new data is present on the FIFO outputs. The SN74ABT7819 is characterized for operation from 0 °C to 70°C. Function Tables PORT A SELECT INPUTS A0 A17 PORT A OPERATION CLKA CSA W/RA WENA RENA A0–A17 PORT-A OPERATION X H X X X High Z None ↑ L H H X High Z Write A0–A17 to FIFOA–B ↑ L L X H Active Read FIFOB–A to A0–A17 PORT B SELECT INPUTS B0 B17 PORT B OPERATION CLKB CSB W/RB WENB RENB B0–B17 PORT-B OPERATION X H X X X High Z None ↑ L H H X High Z Write B0–B17 to FIFOB–A ↑ L L X H Active Read FIFOA–B to B0–B17 |
同様の部品番号 - SN74ABT7819-10PN |
|
同様の説明 - SN74ABT7819-10PN |