データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XYA2M データシート(PDF) 1 Page - Sensortechnics GmbH

部品番号 XYA2M
部品情報  Oxygen sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSORTECHNICS [Sensortechnics GmbH]
ホームページ  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

XYA2M データシート(HTML) 1 Page - Sensortechnics GmbH

  XYA2M Datasheet HTML 1Page - Sensortechnics GmbH XYA2M Datasheet HTML 2Page - Sensortechnics GmbH XYA2M Datasheet HTML 3Page - Sensortechnics GmbH XYA2M Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
XYA Series
Oxygen sensors
1/4
June 2007 / 637
www.sensortechnics.com
FEATURES
· Oxygen pressure range 2 mbar...3 bar
· Zirconium dioxide (ZrO
2) sensing elements
· Non-consumptive technology
· Integral heating element
· No need for temperature stabilisation
· No reference gas required
· Function testing and calibration in
ambient air
· High accuracy
· Linear output signal
· Operates with external interface boards
SPECIFICATIONS
Maximum ratings
Heater supply voltage
4.35 ±0.1 V
DC (1.85 A)
Stand by
2.0 V
DC
Pump resistance @ 700 °C
DC
typ. 1 k
AC
typ. 1 kHz, 120
Permissable gas temperature
XYA1
-100...400 °C
all others
-100...250 °C
Gas flow rate
0...20 m/s
Repetitive permissable accelaration
5 g
Incidental permissable accelaration
30 g
ELECTRICAL CONNECTION
1: Pump (Red)
2: Common (Black)
3: Heater (Yellow)
4: Sense (Blue)
5: Heater (Yellow)
Molex connector (XYA...M)
Stainless steel wires (XYA1S)
P
C
H
S
H
P: Pump
C: Common
S: Sense
H: Heater


同様の部品番号 - XYA2M

メーカー部品番号データシート部品情報
logo
TOKYO SEIMITSU CO., LTD
XYANA2000 ACCRETECH-XYANA2000 Datasheet
266Kb / 1P
   Easy-to-operate software
More results

同様の説明 - XYA2M

メーカー部品番号データシート部品情報
logo
Honeywell Accelerometer...
KGZ10-SP HONEYWELL-ACC-KGZ10-SP Datasheet
227Kb / 4P
   Oxygen Sensors
logo
Figaro Engineering Inc.
KE-12 FIGARO-KE-12 Datasheet
350Kb / 2P
   Maxell Oxygen Sensors
logo
SST Sensing Ltd.
OXY-FLEX SSTSENSING-OXY-FLEX Datasheet
940Kb / 4P
   Zirconia O2 Sensors OXY-Flex Oxygen Analyser
DS-0073 REV 14
logo
Endress+Hauser Group Se...
CYM290 EH-CYM290 Datasheet
957Kb / 16P
   Portable multiparameter device for Memosens pH, conductivity and oxygen sensors.
logo
List of Unclassifed Man...
O2-E2 ETC-O2-E2 Datasheet
294Kb / 2P
   Oxygen Sensor
logo
Fuji Electric
EDS3-62H FUJI-EDS3-62H Datasheet
110Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
EDS3-69F FUJI-EDS3-69F Datasheet
150Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
logo
Fujikura Ltd.
FCX-MP-F-AC FUJIKURA-FCX-MP-F-AC Datasheet
154Kb / 3P
   Oxygen sensor module
logo
Figaro Engineering Inc.
SK-25F FIGARO-SK-25F Datasheet
333Kb / 2P
   Figaro Oxygen Sensor
logo
Fuji Electric
EDS3-115C FUJI-EDS3-115C Datasheet
81Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com