データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C-13-155-T3-SSC9 データシート(PDF) 6 Page - Source Photonics, Inc.

部品番号 C-13-155-T3-SSC9
部品情報  155 Mbps Single Mode Transceiver (Long-Reach)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOURCE [Source Photonics, Inc.]
ホームページ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-T3-SSC9 データシート(HTML) 6 Page - Source Photonics, Inc.

  C-13-155-T3-SSC9 Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Luminentʼs sole and absolute discretion. Luminent warrants performance of its
products to current specifications only in accordance with the companyʼs standard one-year warranty; however, specifications designated as “preliminary” are given to
describe components only, and Luminent expressly disclaims any and all warranties for said products, including express, implied, and statutory warranties, warranties
of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the companyʼs Terms and Conditions of Sale for further
warranty information.
Luminent assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual property
described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and Luminent makes no representa-
tions or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this document are NOT
intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. Luminent customers using or selling
products for use in such applications do so at their own risk and agree to fully defend and indemnify Luminent for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that Luminent is not liable for any actual,
consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact Lumi-
nent to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© Luminent, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 • LUMINENT.COM
6
LUMNDS612-0603
155 Mbps Single Mode Transceiver
(Long-Reach)
C-13-155(C)-T(3)-SSC7(9)
Ordering Information
C -13 - 155 - T(3) - SSC 7(9) (A/B/C/D/E)
• Wavelength = 1310 nm
• Communication protocol
(155 Mbps)
• +5V/(3.3V) Transceiver
Single mode fiber
• Connector options
• Ultra Long Reach
• Blank: Black Case (10.4 mm)
A: Black Case (10.4 mm)
B/E: Blue Case (9.8mm)
C/D: Black Case (9.8mm)
Warnings
Legal Notice


同様の部品番号 - C-13-155-T3-SSC9

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-13-155-T3-SSC9 SOURCE-C-13-155-T3-SSC9 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC9-G5 SOURCE-C-13-155-T3-SSC9-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC9A SOURCE-C-13-155-T3-SSC9A Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC9A-G5 SOURCE-C-13-155-T3-SSC9A-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC9B SOURCE-C-13-155-T3-SSC9B Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
More results

同様の説明 - C-13-155-T3-SSC9

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-13-155-T3-SST3A-14-G5 SOURCE-C-13-155-T3-SST3A-14-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC5-06 SOURCE-C-13-155-T-SSC5-06 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver
C-13-155-T-SFC3-55-G5 SOURCE-C-13-155-T-SFC3-55-G5 Datasheet
504Kb / 8P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC3 SOURCE-C-13-155-T-SSC3 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com