データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B-13-1250C-T-SSCCG5 データシート(PDF) 8 Page - Source Photonics, Inc.

部品番号 B-13-1250C-T-SSCCG5
部品情報  1.25 Gbps Single Mode Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOURCE [Source Photonics, Inc.]
ホームページ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-1250C-T-SSCCG5 データシート(HTML) 8 Page - Source Photonics, Inc.

  B-13-1250C-T-SSCCG5 Datasheet HTML 1Page - Source Photonics, Inc. B-13-1250C-T-SSCCG5 Datasheet HTML 2Page - Source Photonics, Inc. B-13-1250C-T-SSCCG5 Datasheet HTML 3Page - Source Photonics, Inc. B-13-1250C-T-SSCCG5 Datasheet HTML 4Page - Source Photonics, Inc. B-13-1250C-T-SSCCG5 Datasheet HTML 5Page - Source Photonics, Inc. B-13-1250C-T-SSCCG5 Datasheet HTML 6Page - Source Photonics, Inc. B-13-1250C-T-SSCCG5 Datasheet HTML 7Page - Source Photonics, Inc. B-13-1250C-T-SSCCG5 Datasheet HTML 8Page - Source Photonics, Inc. B-13-1250C-T-SSCCG5 Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
1.25 Gbps Single Mode Transceiver
C-13-1250(C)-T(3)-SSC(2)
8
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS601-May1806
Rev A.3
LUMINENTOIC.COM
Ordering Information
C - 13 - 1250(C) - T(3) - S SC TxPower Temperature and Package
RoHs
• 13 = Wavelength 1310nm
• Communication protocol
(1250 Mbps)
1250 = PECL Signal Detection Output
1250C = TTL Signal Detection Output
• Connector options
• Tx Power range
Blank = -3 to -10 dBm
2 = -5 to 0 dBm
• T = +5V Transceiver, FP
T3= +3.3V Transceier, FP
• Single mode fiber
• Temperature range and package
Blank = commercial temperature(0 to 70 ºC), 10.4 mm, Black case
A = industrial temperature(-40 to 85 ºC), 10.4 mm, Black case
B = industrial temperature(-40 to 85 ºC), 9.8 mm, Blue case
C = industrial temperature(-40 to 85 ºC), 9.8 mm, Black case
D = commercial temperature(0 to 70 ºC), 9.8 mm, Black case
E = commercial temperature(0 to 70 ºC), 9.8 mm, Blue case
Available Options:
C-13-1250-T-SSC(A/B/C/D/E)
C-13-1250C-T-SSC(A/B/C/D/E)
C-13-1250-T3-SSC(A/B/C/D/E)
C-13-1250C-T3-SSC(A/B/C/D/E)
C-13-1250-T-SSC2(A/B/C/D/E)
C-13-1250C-T-SSC2(A/B/C/D/E)
C-13-1250-T3-SSC2(A/B/C/D/E)
C-13-1250C-T3-SSC2(A/B/C/D/E)
Part numbering Definition:
C-13-1250-T-SSC(A/B/C/D/E)-G5
C-13-1250C-T-SSC(A/B/C/D/E)-G5
C-13-1250-T3-SSC(A/B/C/D/E)-G5
C-13-1250C-T3-SSC(A/B/C/D/E)-G5
C-13-1250-T-SSC2(A/B/C/D/E)-G5
C-13-1250C-T-SSC2(A/B/C/D/E)-G5
C-13-1250-T3-SSC2(A/B/C/D/E)-G5
C-13-1250C-T3-SSC2(A/B/C/D/E)-G5
C-13-1250-T-SSC(A/B/C/D/E)-GR
C-13-1250C-T-SSC(A/B/C/D/E)-GR
C-13-1250-T3-SSC(A/B/C/D/E)-GR
C-13-1250C-T3-SSC(A/B/C/D/E)-GR
C-13-1250-T-SSC2(A/B/C/D/E)-GR
C-13-1250C-T-SSC2(A/B/C/D/E)-GR
C-13-1250-T3-SSC2(A/B/C/D/E)-GR
C-13-1250C-T3-SSC2(A/B/C/D/E)-GR
• RoHS compliance available
Blank = RoHS non-compliant product
G5 = RoHS 5/6-compliant product (lead exemption)
GR = Full RoHS compliant product (no exemption)


同様の部品番号 - B-13-1250C-T-SSCCG5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
B-13-1250C-TDPM3-SFC-60 SOURCE-B-13-1250C-TDPM3-SFC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250C-TDPM3-SMU-60 SOURCE-B-13-1250C-TDPM3-SMU-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250C-TDPM3-SSC-60 SOURCE-B-13-1250C-TDPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250C-TDPM3-SST-60 SOURCE-B-13-1250C-TDPM3-SST-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250C-TPM3-SFC-60 SOURCE-B-13-1250C-TPM3-SFC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
More results

同様の説明 - B-13-1250C-T-SSCCG5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-15-1250AC-TDFB3-SSC2C SOURCE-C-15-1250AC-TDFB3-SSC2C Datasheet
559Kb / 7P
   1.25 Gbps Single Mode Transceiver
C-13-1250AC-T-SSC SOURCE-C-13-1250AC-T-SSC Datasheet
537Kb / 8P
   1.25 Gbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-7140G_2015 OPTOWAY-SPS-7140G_2015 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380_2015 OPTOWAY-SPS-7380_2015 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73160G_2015 OPTOWAY-SPS-73160G_2015 Datasheet
147Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73180-CXX0G OPTOWAY-SPS-73180-CXX0G_15 Datasheet
150Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7110G OPTOWAY-SPS-7110G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7130G OPTOWAY-SPS-7130G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7350G OPTOWAY-SPS-7350G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380 OPTOWAY-SPS-7380_15 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com