データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C-129-1250-FDFB-SLC4-G5 データシート(PDF) 6 Page - Source Photonics, Inc.

部品番号 C-129-1250-FDFB-SLC4-G5
部品情報  1.25 Gbps Single Mode SFF LC Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOURCE [Source Photonics, Inc.]
ホームページ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-129-1250-FDFB-SLC4-G5 データシート(HTML) 6 Page - Source Photonics, Inc.

  C-129-1250-FDFB-SLC4-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-129-1250-FDFB-SLC4-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-129-1250-FDFB-SLC4-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-129-1250-FDFB-SLC4-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-129-1250-FDFB-SLC4-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-129-1250-FDFB-SLC4-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-129-1250-FDFB-SLC4-G5 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
1.25 Gbps Single Mode SFF LC Transceiver
C-1xx-1250(C)-FDFB-SLCx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS771-Nov2707
Rev A.1
LUMINENTOIC.COM
Recommended Panel mounting
DIMENSION IN MILLIMETER (INCHES)
Recommended Board Layout Hole Pattern
1.THIS FIGURE DESCRIBE THE RECOMMAND CIRCUIT BOARD LAYOUT FOR THE SFF TRANSCEIVER.
2.THE HATCHED AREAS ARE KEEP-OUT AREAS RESERVED FOR HOUSING STANDOFF. NO METAL
TRACES OR GROUND CONNECTION IN KEEP-OUT AREAS.
3.THE MOUNTING STUDS SHOULD BE SOLDERED TO CHASSIS GROUND FOR MECHANICAL INTEGRITY.
DIMENSION IN MILLIMETER (INCHES)
NOTES:


同様の部品番号 - C-129-1250-FDFB-SLC4-G5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-129-1250-TDFB-SSC2 SOURCE-C-129-1250-TDFB-SSC2 Datasheet
970Kb / 6P
   1.25 Gbps CWDM Single Mode Transceiver(5V)
C-129-1250-TDFB3-SSC2 SOURCE-C-129-1250-TDFB3-SSC2 Datasheet
857Kb / 6P
   1.25 Gbps CWDM Single Mode Transceiver(3.3V)
More results

同様の説明 - C-129-1250-FDFB-SLC4-G5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-15-1250AC-FDFB-SLC3A-07 SOURCE-C-15-1250AC-FDFB-SLC3A-07 Datasheet
710Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250AC-FDFB-SLC2 SOURCE-C-127-1250AC-FDFB-SLC2 Datasheet
717Kb / 8P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-FDFB-SLC2A-G5 SOURCE-C-13-1250AC-FDFB-SLC2A-G5 Datasheet
708Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC SOURCE-C-13-1250-F-SLC Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-FDFB-SLC2 SOURCE-C-13-1250-FDFB-SLC2 Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLCA-11-G5 SOURCE-C-13-1250AC-F-SLCA-11-G5 Datasheet
720Kb / 9P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC SOURCE-C-13-1250AC-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-7350CG OPTOWAY-TRSL-7350CG Datasheet
123Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350W-CXX0 OPTOWAY-TRSL-7350W-CXX0 Datasheet
158Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W-CXX0 OPTOWAY-TRSL-7380W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com