データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C-13-15-F06M-PD-SLCL データシート(PDF) 5 Page - Source Photonics, Inc.

部品番号 C-13-15-F06M-PD-SLCL
部品情報  1310nm Emitting,1550nm Receiving(PIN-TIA,5pin-out,3.3V) Bi-directional Diplexer Optical Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOURCE [Source Photonics, Inc.]
ホームページ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-15-F06M-PD-SLCL データシート(HTML) 5 Page - Source Photonics, Inc.

  C-13-15-F06M-PD-SLCL Datasheet HTML 1Page - Source Photonics, Inc. C-13-15-F06M-PD-SLCL Datasheet HTML 2Page - Source Photonics, Inc. C-13-15-F06M-PD-SLCL Datasheet HTML 3Page - Source Photonics, Inc. C-13-15-F06M-PD-SLCL Datasheet HTML 4Page - Source Photonics, Inc. C-13-15-F06M-PD-SLCL Datasheet HTML 5Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is
highly recommended. Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
5
1310nm Emitting,1550nm Receiving(PIN-TIA,5pin-out,3.3V)
Bi-directional Diplexer Optical Module
C-13/15-FXXM-PX-XXXX/XXX-XX
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC's sole and absolute discretion.
LuminentOIC warrants performance of its products to current specifications only in accordance with the company's standard one-year
warranty; however, specifications designated as “preliminary" are given to describe components only, and LuminentOIC expressly dis-
claims any and all warranties for said products, including express, implied, and statutory warranties, warranties of merchantability,
fitness for a particular purpose, and non-infringement of proprietary rights.
Please refer to the company's Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of pat-
ents, services, or intellectual property described herein.
No license, either express or implied, is granted under any patent right,
copyright, or intellectual property right, and LuminentOIC makes no representations or warranties that the product(s) described here-
in are free from patent, copyright, or intellectual property rights.
Products described in this document are NOT intended for use in
implantation or other life support applications where malfunction may result in injury or death to persons.
LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC
for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS" BASIS.
Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this
document.
Customer must contact LuminentOIC to obtain the latest version of this publication to verify, before placing any order,
that the information contained herein is current.
© LuminentOIC, Inc. 2006
All rights reserved
LUMINENTOIC.COM
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1556-APR1106
rev. A.0
Warnings
Legal Notice
Ordering Information
C-13/15-FXXM-PX-XXXX/XXX-XX
RoHS Compliant
" - " = PC Fiber
-/G5/GR
FC/ST/SC/MU/LC/-
Fiber Application
S=SM 9/125µm
Connector
Blank = RoHS non-compliant product
G5 = RoHS 5/6-compliant product (lead exemption)
GR = Full RoHS compliant product (no exemption)
1310nm Transmitter
1550nm Receiver
02: 155 Mb/s PIN-TIA+3.3V
04: 622 Mb/s PIN-TIA+3.3V
06:1250 Mb/s PIN-TIA+3.3V
Pin Assignment
"-"=A Type
D =D Type
M=MM 50/125µm
L/M/H
Fiber Output Power
M = with 5 pinout
APC = APC Fiber
(for single mode)


同様の部品番号 - C-13-15-F06M-PD-SLCL

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-13-15-F02-BD-NLCM SOURCE-C-13-15-F02-BD-NLCM Datasheet
825Kb / 4P
   1310nm Emitting ,1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-15-F04-P-NLCH SOURCE-C-13-15-F04-P-NLCH Datasheet
512Kb / 4P
   1310nm Emitting , 1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-15-F04-P-NLCH-G5 SOURCE-C-13-15-F04-P-NLCH-G5 Datasheet
512Kb / 4P
   1310nm Emitting , 1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-15-F04-P-NLCH-GR SOURCE-C-13-15-F04-P-NLCH-GR Datasheet
512Kb / 4P
   1310nm Emitting , 1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
More results

同様の説明 - C-13-15-F06M-PD-SLCL

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-15-13-F02M-P-SFCL SOURCE-C-15-13-F02M-P-SFCL Datasheet
603Kb / 5P
   1550nm Emitting,1310nm Receiving(PIN-TIA,5pin-out,3.3V) Bi-directional Diplexer Optical Module
C-13-15-F04-P-NLCH SOURCE-C-13-15-F04-P-NLCH Datasheet
512Kb / 4P
   1310nm Emitting , 1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
List of Unclassifed Man...
C-15-F04 ETC2-C-15-F04 Datasheet
507Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
Source Photonics, Inc.
C-13-15-F02-BD-NLCM SOURCE-C-13-15-F02-BD-NLCM Datasheet
825Kb / 4P
   1310nm Emitting ,1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-15-13-F02-BD-NLCM SOURCE-C-15-13-F02-BD-NLCM Datasheet
824Kb / 4P
   1550nm Emitting ,1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-15-13-F04-P-NLCH SOURCE-C-15-13-F04-P-NLCH Datasheet
512Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-15-D02-B-SSCL SOURCE-C-13-15-D02-B-SSCL Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
C-15-13-D02-B-SSCL SOURCE-C-15-13-D02-B-SSCL Datasheet
797Kb / 4P
   1550nm Emitting(DFB),1310nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
logo
List of Unclassifed Man...
C-13-FXX-PX ETC2-C-13-FXX-PX Datasheet
724Kb / 4P
   1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
Source Photonics, Inc.
C-13-14-F02-P-SFCL SOURCE-C-13-14-F02-P-SFCL Datasheet
729Kb / 4P
   1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com