データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C-13-155-T-SSC3-G5 データシート(PDF) 7 Page - Source Photonics, Inc.

部品番号 C-13-155-T-SSC3-G5
部品情報  155 Mbps Single Mode Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOURCE [Source Photonics, Inc.]
ホームページ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-T-SSC3-G5 データシート(HTML) 7 Page - Source Photonics, Inc.

  C-13-155-T-SSC3-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-T-SSC3-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-T-SSC3-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-T-SSC3-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-T-SSC3-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-T-SSC3-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-155-T-SSC3-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-13-155-T-SSC3-G5 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
155 Mbps Single Mode Transceiver
C-13-155-T-Sxx3(-55)-G5
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1930-Aug0508
Rev A.0
Ordering Information
Available Options:
C-13-155-T-SSC3-G5
C-13-155-T-SST3-G5
C-13-155-T-SFC3-G5
C - 13 - 155 - T - S SC TxPower Temperature and Package
-xx
-RoHS
• 13 = Wavelength 1310nm
• Communication protocol (155 Mbps)
155 = PECL Signal Detection Output
• Connector options
SC/ST/FC
• Tx Power range
3= -15 to -8 dBm
• T = +5V Transceiver, FP
• Single mode fiber
• Temperature range and package
Blank = commercial temperature(0 to 70 ºC), 10.4 mm, Black case
Part numbering Definition:
• Blank = RoHS non-compliant product
G5 = RoHS compliant
• -55 = lead soldered
Blank = lead free solderd
C-13-155-T-SSC3-55-G5
C-13-155-T-SST3-55-G5
C-13-155-T-SFC3-55-G5


同様の部品番号 - C-13-155-T-SSC3-G5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-13-155-T-SSC3-G5 SOURCE-C-13-155-T-SSC3-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
More results

同様の説明 - C-13-155-T-SSC3-G5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-13-155-T3-SST3A-14-G5 SOURCE-C-13-155-T3-SST3A-14-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC5-06 SOURCE-C-13-155-T-SSC5-06 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC3 SOURCE-C-13-155-T-SSC3 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
SPS-3380W_2015 OPTOWAY-SPS-3380W_2015 Datasheet
150Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com