データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C-13-155-FDFB-SLC8A-G5 データシート(PDF) 5 Page - Source Photonics, Inc.

部品番号 C-13-155-FDFB-SLC8A-G5
部品情報  155 Mbps Single Mode SFF LC Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOURCE [Source Photonics, Inc.]
ホームページ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-FDFB-SLC8A-G5 データシート(HTML) 5 Page - Source Photonics, Inc.

  C-13-155-FDFB-SLC8A-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 8Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
- 5 -
P/N: C-13-155(C)-FDFB-SLC8A-G5
155 Mbps Single Mode SFF LC Transceiver
DS1960 Oct1508-Rev A.0
Recommended Interface Circuit
Tx
Rx
TERMINATE AT
TRANSCEIVER INPUTS
Z=50Ω
Z=50Ω
100
Ω
TD-
TD+
130Ω
82Ω
Vcc(+3.3V)
100Ω
RD+
RD-
SD
Z=50Ω
Z=50Ω
Z=50Ω
130Ω
130Ω
Vcc(+3.3V)
Vcc(+3.3V)
PHY DEVICE
LVPECL
LVPECL
10μF
C3
C2
1μH
6
7
8
10
9
12
3
4
5
1μH
C1
TERMINATE AT
DEVICE INPUTS
NOTE:C1=C2=C3=100nF
Vcc(+3.3V)
130Ω
130Ω
LVTTL
Tx Disable
LVPECL
C-13-155-FDFB-SLC8A-G5


同様の部品番号 - C-13-155-FDFB-SLC8A-G5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-13-155-F-SLC SOURCE-C-13-155-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC-G5 SOURCE-C-13-155-F-SLC-G5 Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3 SOURCE-C-13-155-F-SLC3 Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3-G5 SOURCE-C-13-155-F-SLC3-G5 Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A SOURCE-C-13-155-F-SLC3A Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
More results

同様の説明 - C-13-155-FDFB-SLC8A-G5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8 SOURCE-C-15-155-FDFB-SLC8 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC SOURCE-C-13-155-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com