データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

93032-0014 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 93032-0014
部品情報  Compliant Pin Header For Press-Fit Application
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

93032-0014 データシート(HTML) 1 Page - Molex Electronics Ltd.

  93032-0014 Datasheet HTML 1Page - Molex Electronics Ltd. 93032-0014 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIIFICATIONS
2.54mm (.100”) Pitch
C-Grid III™
93032
Compliant Pin Header
For Press-Fit Application
C-Grid III family offers a CPI solution for applications that require a press-fit termination
The C-Grid III is a highly versatile 2.54mm (.100") pitch interconnect family. This header
and receptacle system is made up of a wide range of modular components, allowing great
flexibility in electronic circuitry design.
The new 93032 series Dual-Row Compliant-Pin Header offers the familiar benefits of the
C-Grid III family, plus the added advantage of press-fit termination. This eliminates the
need for soldering, while providing a reliable connection to the PCB. It also reduces the
usual quality issues related to wave soldering. Repairs can be carried out easily, saving the
user valuable time and cost. In addition, the ribs on the header shroud provide
reinforcement to the connector during press-fit termination.
This header supplements the extensive line of C-Grid III header products, and can be used in
a wide variety of wire-to-board applications.
The 93032 headers mate with the 90142 and 90143 crimp housings, which are used with
the 90119 crimp terminals.
For more information about the C-Grid III connector family, please visit:
http://www.molex.com/link/cgrid3.html
Features
Benefits
Size 6 to 50 circuits
Allows design flexibility
Press-fit pin
Secures well and maintains retention to PCB
Designed for PCB thicknesses of 2.34mm (.092”) or greater
Positive lock for crimp housing
Reference Information
Packaging: Tray
UL File No.: Pending
CSA File No.: Pending
Mates With: 90142 (C-Grid III™ Crimp Housing),
90143 (C-Grid III™ Crimp Housing)
Designed In: Millimeters
Electrical
Voltage: 350V DC/AC
Current: 3.0A
Contact Resistance: 10 milliohms max.
Dielectric Withstanding Voltage: 1000V
Insulation Resistance: 5000 Megohms min.
Mechanical
Mating Force: Cx1.75+6 = Max allowed Force (N)
(C is the circuit size, 6 is the insertion force of an
empty housing)
Unmating Force: Cx1.25+6 = Max allowed Force (N)
(C is the circuit size, 6 is the insertion force of an
empty housing)
Durability: 200 mating cycles with 90142 series plug
Physical
Housing: 15% Glass Filled P.B.T, UL 94V-0, Black
Contact: 0.64mm square Phosphor Bronze
Plating:
Mating Side — 0.76µm (30µ”) Select Gold
Press Fit Side – Tin
Other plating options available upon request.
PCB Thickness: 2.34mm (.092”) or thicker
Operating Temperature: -40ºC to +105ºC


同様の部品番号 - 93032-0014

メーカー部品番号データシート部品情報
logo
Peregrine Semiconductor...
9303 PEREGRINE-9303 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
logo
Bi technologies
9303 BITECH-9303 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Keystone Electronics Co...
9303 KEYSTONE-9303 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9303 HEYCO-9303 Datasheet
152Kb / 2P
   Snap Rivets
logo
Peregrine Semiconductor...
9303-00 PEREGRINE-9303-00 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
More results

同様の説明 - 93032-0014

メーカー部品番号データシート部品情報
logo
Richco, Inc.
PFP-7-01 RICHCO-PFP-7-01 Datasheet
77Kb / 1P
   PRESS FIT PIN
logo
Molex Electronics Ltd.
63910-7500 MOLEX11-63910-7500 Datasheet
39Kb / 1P
   Tooling Kit for Mini-Fit Compliant Pin Insertion
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-16 JDSU-PL-KP2-00-000-16 Datasheet
687Kb / 8P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage, 2.19 mm Pin Length
logo
Molex Electronics Ltd.
0452801401 MOLEX6-0452801401 Datasheet
193Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI??Compliant Pin Header
logo
FCI connector
10028542 FCI-CONNECTOR-10028542 Datasheet
151Kb / 2P
   4 LANE VERTICAL PRESS FIT HEADER
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-26 JDSU-PL-KP2-00-000-26 Datasheet
376Kb / 6P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit PCI Compliant SFP Cage
logo
Precid-Dip Durtal SA
546-93-108-12-101-028 PREDIP-546-93-108-12-101-028 Datasheet
41Kb / 1P
   Pin Grid Array sockets Press-fit terminations
logo
Dialight Corporation
C-17664 DIALIGHT-C-17664 Datasheet
61Kb / 1P
   .064 STRAIGHT LIGHT PIPE W/PRESS-FIT; RoHS COMPLIANT
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-04 JDSU-PL-KP2-00-000-04 Datasheet
420Kb / 10P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-06 JDSU-PL-KP2-00-000-06 Datasheet
783Kb / 9P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com