データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1591CPS データシート(PDF) 9 Page - Texas Instruments

部品番号 TL1591CPS
部品情報  192-165-pixel ccd image sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL1591CPS データシート(HTML) 9 Page - Texas Instruments

Back Button TL1591CPS Datasheet HTML 5Page - Texas Instruments TL1591CPS Datasheet HTML 6Page - Texas Instruments TL1591CPS Datasheet HTML 7Page - Texas Instruments TL1591CPS Datasheet HTML 8Page - Texas Instruments TL1591CPS Datasheet HTML 9Page - Texas Instruments TL1591CPS Datasheet HTML 10Page - Texas Instruments TL1591CPS Datasheet HTML 11Page - Texas Instruments TL1591CPS Datasheet HTML 12Page - Texas Instruments TL1591CPS Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TC211
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS008B – JANUARY 1990
2-9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VERTICAL MODULATION
TRANSFER FUNCTION
(BARS PARALLEL TO SERIAL REGISTER)
0.4
0.2
0
0
0.2
0.4
0.6
0.6
0.8
Normalized Spatial Frequency
1
0.8
1
0
6.3
12.5
18.8
25.0
31.3
Spatial Frequency – Cycles/mm
λ = 400 to 700-nm Monochromatic Light
HORIZONTAL MODULATION
TRANSFER FUNCTION
(BARS PERPENDICULAR TO SERIAL REGISTER)
0.4
0.2
0
0
0.2
0.4
0.6
0.6
0.8
Normalized Spatial Frequency
1
0.8
1
0
7.3
14.6
21.8
29.1
36.4
Spatial Frequency – Cycles/mm
λ = 400 to 700-nm Monochromatic Light
VADB = 12 V
TA = 25°C
VADB = 12 V
TA = 25°C
Figure 6
Figure 7
1
10
f – Frequency – Hz
NOISE SPECTRUM OF OUTPUT AMPLIFIER
100
1000
103
104
105
106
107
VADB = 12 V
TA = 25°C
0.01
1
300
500
700
1100
1300
Incident Wavelength – nm
CCD SPECTRAL RESPONSIVITY
900
0.1
100%
50%
20%
10%
5%
3%
2%
VADB = 12 V
TA = 25°C
Figure 8
Figure 9


同様の部品番号 - TL1591CPS

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1591CPSLE TI1-TL1591CPSLE Datasheet
226Kb / 11P
[Old version datasheet]   SAMPLE-AND-HOLD CIRCUIT FOR CCD IMAGERS
More results

同様の説明 - TL1591CPS

メーカー部品番号データシート部品情報
logo
Texas Instruments
TC210 TI-TC210 Datasheet
195Kb / 13P
[Old version datasheet]   192- x 165-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
TC245 TI-TC245 Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
TC240 TI1-TC240 Datasheet
302Kb / 19P
[Old version datasheet]   780- 횞 488-PIXEL CCD IMAGE SENSOR
TC244 TI1-TC244 Datasheet
312Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC244A TI-TC244A Datasheet
311Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
[Old version datasheet]   735- 횞 580-PIXEL CCD IMAGE SENSOR
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
TC217 TI-TC217 Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com