データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

THS6002 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 THS6002
部品情報  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

THS6002 データシート(HTML) 5 Page - Texas Instruments

  THS6002 Datasheet HTML 1Page - Texas Instruments THS6002 Datasheet HTML 2Page - Texas Instruments THS6002 Datasheet HTML 3Page - Texas Instruments THS6002 Datasheet HTML 4Page - Texas Instruments THS6002 Datasheet HTML 5Page - Texas Instruments THS6002 Datasheet HTML 6Page - Texas Instruments THS6002 Datasheet HTML 7Page - Texas Instruments THS6002 Datasheet HTML 8Page - Texas Instruments THS6002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER
electrical characteristics, VCC = ±15 V, RL = 25 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ± 5V
TA = 25°C
–68
–74
dB
PSRR
Power supply rejection ratio
VCC = ± 5 V
TA = full range
–65
dB
PSRR
Power su
ly rejection ratio
VCC = ± 15 V
TA = 25°C
–64
–72
dB
VCC = ± 15 V
TA = full range
–62
dB
CI
Differential input capacitance
1.4
pF
RI
Input resistance
300
k
RO
Output resistance
Open loop
13
VCC = ± 5V
TA = 25°C
8.5
10
ICC
Quiescent current
VCC = ± 5 V
TA = full range
12
mA
ICC
Quiescent current
VCC = ± 15 V
TA = 25°C
11.5
13
mA
VCC = ± 15 V
TA = full range
15
† Full range is 0
°C to 70°C for the THS6002C and –40°C to 85°C for the THS6002I.
operating characteristics, VCC = ±15 V, RL = 25 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Differential slew rate
VO = 20 V(PP),
G = 2
1000
V/
µs
ts
Settling time to 0.1%
0 V to 10 V Step,
G = 2
70
ns
THD
Total harmonic distortion
VO(PP) = 20 V,RF = 4 kΩ,
G = 5,
f = 1 MHz
–62
dBc
Vn
Input voltage noise
VCC = ± 5 V or ± 15 V,
f = 10 kHz,
G = 2,
Single-ended
1.7
nV/
√Hz
I
Input noise current
Positive (IN+)
VCC = ± 5 V or ± 15 V,
f = 10 kHz,
11.5
pA/
√Hz
In
Input noise current
Negative (IN–)
CC
,
G = 2
,
16
pA/
√Hz
VI = 200 mV, G = 1,
VCC = ± 5 V
90
110
MHz
I
,,
RF = 680 Ω
VCC = ± 15 V
110
140
MHz
Small-signal bandwidth (–3 dB)
VI = 200 mV, G = 2,
RF = 620 Ω
VCC = ± 15 V
120
MHz
BW
Small-signal bandwidth (–3 dB)
VI = 200 mV, G = 1,
RF = 820 Ω,RL = 100 Ω
VCC = ± 15 V
315
MHz
VI = 200 mV, G = 2,
RF = 560 Ω,RL = 100 Ω
VCC = ± 15 V
265
MHz
Bandwidth for 0 1 dB flatness
VI = 200 mV, G = 1,
VCC = ± 5 V
30
MHz
Bandwidth for 0.1 dB flatness
I
,,
RF = 680 Ω
VCC = ± 15 V
40
MHz
Full power bandwidth (see Note 3)
VO = 20 V(PP)
16
MHz
AD
Differential gain error
G = 2,
NTSC,
VCC = ± 5 V
0.04%
AD
Differential gain error
,,
RL = 150 Ω,
40 IRE
VCC = ± 15 V
0.05%
φD
Differential phase error
G = 2,
NTSC,
VCC = ± 5 V
0.07
°
φD
Differential phase error
RL = 150 Ω,
40 IRE
VCC = ± 15 V
0.08
°
NOTE 3: Full power bandwidth = slew rate/2
πVpeak


同様の部品番号 - THS6002

メーカー部品番号データシート部品情報
logo
Texas Instruments
THS6002 TI1-THS6002 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002CDWP TI1-THS6002CDWP Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

同様の説明 - THS6002

メーカー部品番号データシート部品情報
logo
Texas Instruments
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6007 TI-THS6007 Datasheet
679Kb / 36P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com