データシートサーチシステム |
|
TL064B データシート(PDF) 7 Page - Texas Instruments |
|
|
TL064B データシート(HTML) 7 Page - Texas Instruments |
7 / 23 page TL061, TL061A, TL061B, TL061Y, TL062, TL062A TL062B, TL062Y, TL064, TL064A, TL064B, TL064Y LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS SLOS078F – NOVEMBER 1978 – REVISED JANUARY 1999 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† TL06_C TL06_AC TL06_BC TL06_I TL06_M UNIT Supply voltage, VCC+ (see Note 1) 18 18 18 V Supply voltage, VCC– (see Note 1) –18 –18 –18 V Differential input voltage, VID (see Note 2) ±30 ±30 ±30 V Input voltage, VI (see Notes 1 and 3) ±15 ±15 ±15 V Duration of output short circuit (see Note 4) unlimited unlimited unlimited Continuous total dissipation See Dissipation Rating Table Storage temperature range, Tstg –65 to 150 –65 to 150 –65 to 150 °C Case temperature for 60 seconds FK package 260 °C Lead temperature 1 6 mm (1/16 inch) from case for 60 seconds J, JG, U, or 300 °C Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds ,, , W package 300 °C Lead temperature 1 6 mm (1/6 inch) from case for 10 seconds D, N, P, or 260 260 °C Lead temperature 1,6 mm (1/6 inch) from case for 10 seconds PW package 260 260 °C † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values except differential voltages are with respect to the midpoint between VCC+ and VCC–. 2. Differential voltages are at IN+ with respect to IN–. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less. 4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR DERATE ABOVE TA TA = 70°C POWER RATING TA = 85°C POWER RATING TA = 125°C POWER RATING D (8 pin) 680 mW 5.8 mW/ °C 33 °C 465 mW 378 mW N/A D (14 pin) 680 mW 7.6 mW/ °C 60 °C 604 mW 490 mW N/A FK 680 mW 11.0 mW/ °C 88 °C 680 mW 680 mW 273 mW J 680 mW 11.0 mW/ °C 88 °C 680 mW 680 mW 273 mW JG 680 mW 8.4 mW/ °C 69 °C 672 mW 546 mW 210 mW N 680 mW 9.2 mW/ °C 76 °C 680 mW 597 mW N/A P 680 mW 8.0 mW/ °C 65 °C 640 mW 520 mW N/A PW (8 pin) 525 mW 4.2 mW/ °C 25 °C 336 mW N/A N/A PW (14 pin) 700 mW 5.6 mW/ °C 25 °C 448 mW N/A N/A U 675 mW 5.4 mW/ °C 25 °C 432 mW 351 mW 135 mW W 680 mW 8.0 mW/ °C 65 °C 640 mW 520 mW 200 mW |
同様の部品番号 - TL064B |
|
同様の説明 - TL064B |