データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAW62 データシート(PDF) 2 Page - SynSemi, Inc.

部品番号 BAW62
部品情報  HIGH SPEED SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNSEMI [SynSemi, Inc.]
ホームページ  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

BAW62 データシート(HTML) 2 Page - SynSemi, Inc.

  BAW62 Datasheet HTML 1Page - SynSemi, Inc. BAW62 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( BAW62 )
FIG. 1 MAXIMUM PERMISSIBLE CONTINUOUS
FIG. 2 TYPICAL FORWARD VOLTAGE
FORWARD CURRENT AS A FUNCTION OF
AMBIENT TEMPERATURE.
FIG. 3 TYPICAL DIODE CAPACITANCE AS
FIG.4 TYPICAL REVERESE CURRENT
A FUNCTION OF REVERSE VOLTAGE
VS JUNCTION TEMPERATURE
Page 2 of 2
Rev. 02 : March 25, 2005
0
10
20
Reverse Voltage , VR (V)
0.4
0.5
1.2
0
0.4
1.2
Forward Voltage , VF (V)
10
1000
0.1
1
100
0
0
100
200
Ambient Temperature , Ta (
°C)
50
150
0.8
1.4
0.6
0.7
0.8
0.9
1.0
100
250
f = 1MHz;
TJ = 25°C
Lead Length 10mm.
TJ = 25°C
0
100
200
1
10
2
10
3
10
-2
Junction Temperature , Ta (
°C)
VR = 75V
10
10
-1
200


同様の部品番号 - BAW62

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BAW62 PHILIPS-BAW62 Datasheet
34Kb / 7P
   High-speed diode
1996 Sep 17
logo
Fairchild Semiconductor
BAW62 FAIRCHILD-BAW62 Datasheet
29Kb / 2P
   Small Signal Diode
logo
NXP Semiconductors
BAW62 NXP-BAW62 Datasheet
226Kb / 9P
   High-speed diode
1996 Sep 17
logo
EIC discrete Semiconduc...
BAW62 EIC-BAW62 Datasheet
83Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
NXP Semiconductors
BAW62 PHILIPS-BAW62_15 Datasheet
226Kb / 9P
   High-speed diode
1996 Sep 17
More results

同様の説明 - BAW62

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com