データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAX18 データシート(PDF) 1 Page - SynSemi, Inc.

部品番号 BAX18
部品情報  SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNSEMI [SynSemi, Inc.]
ホームページ  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

BAX18 データシート(HTML) 1 Page - SynSemi, Inc.

  BAX18 Datasheet HTML 1Page - SynSemi, Inc. BAX18 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAX18
SWITCHING DIODE
FEATURES :
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 75 V
• Repetitive peak forward current: max. 2 A.
• Pb / RoHS Free
MECHANICAL DATA :
Case: DO-35 Glass Case
Weight: approx. 0.13g
Maximum Ratings and Thermal Characteristics (Rating at 25
°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
VRRM
75
V
VR
75
V
Maximum Continuous Forward Current
IF
500
mA
Maximum Average Forward Current
IF(AV)
mA
Maximum Repetitive Peak Forward Current
IFRM
2
A
Maximum Non-repetitive Peak Forward Current at t = 10ms, Tj = 25
°C
IFSM
9
A
Maximum Power Dissipation
PD
450
mW
Maximum Junction Temperature
TJ
200
°C
Storage Temperature Range
TS
-65 to + 200
°C
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
VR = 75 V
-
-
5
VR = 75 V, Tj = 150°C
-
-
100
Forward Voltage
VF
IF = 300 mA
-
-
1.0
V
Diode Capacitance
Cd
-
-
35
pF
IF = 30mA , IR = 30mA
IRR = 3mA , RL = 100 Ω
measured at IR = 3 mA
Page 1 of 2
Rev. 02 : March 25, 2005
f = 1MHz ; VR = 0
400
Reverse Recovery Time
Trr
IR
ns
50
-
-
µA
Parameter
Reverse Current
Maximum Repetitive Peak Reverse Voltage
Maximum Continuous Reverse Voltage
Test Condition
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark


同様の部品番号 - BAX18

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BAX18 PHILIPS-BAX18 Datasheet
32Kb / 7P
   General purpose diode
1996 Sep 18
logo
EIC discrete Semiconduc...
BAX18 EIC-BAX18 Datasheet
69Kb / 2P
   SWITCHING DIODE
More results

同様の説明 - BAX18

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com