データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA159PT データシート(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

部品番号 BA159PT
部品情報  FAST RECOVERY RECTIFIER VOLTAGE RANGE 400 - 1000 Volts CURRENT 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENMKO [Chenmko Enterprise Co. Ltd.]
ホームページ  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BA159PT データシート(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  BA159PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BA159PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Fast Recovery Diodes
* Diffused junction
* High current capability
Case: JEDEC DO-41 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.33 gram
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
BA157PT
THRU
BA159PT
DO-41
DO-41
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
FAST RECOVERY RECTIFIER
VOLTAGE RANGE 400 - 1000 Volts
CURRENT 1.0 Ampere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
Maximum Reverse Recovery Time ( NOTE )
Maximum Thermal Resistance ( I = 10 mm )
CHARACTERISTICS
SYMBOL
UNITS
1.3
5.0
150
60
nS
oC / W
Volts
Maximum Instantaneous Forward Voltage at 1.0 A DC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Ambient Temperature = 50
oC
Recurrent peak forward current
10 mm. peak forward surge current
Maximum Operating Temperature Range
Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
IFSM
VF
uAmps
Reverse current at VRRM at TA = 25
oC
IR
R JA
trr
Capacitance at 1MHZ and VRRM
2.0
2.2
250
1.8
pF
Cd
TSTG
IFRM
BA157PT
BA159PT
BA158PT
UNITS
400
1000
Volts
Volts
Volts
Amps
280
400
700
BA157PT
BA159PT
BA158PT
1000
1.0
9
35
+ 150
oC
-65 to +150
Amps
Amps
oC
oC
600
420
600
TJ
Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A
0.034(0.9)
0.028(0.7)
DIA.
0.107(2.7)
0.080(2.0)
0.205(5.2)
0.166(4.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DIA.


同様の部品番号 - BA159PT

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
BA159P LRC-BA159P Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
BA159P LRC-BA159P Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
More results

同様の説明 - BA159PT

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
BA157 RECTRON-BA157 Datasheet
29Kb / 2P
   FAST RECOVERY RECTIFIER VOLTAGE RANGE 400 to 1000 Volts CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
1N4942GPT CHENMKO-1N4942GPT Datasheet
80Kb / 2P
   FAST RECOVERY RECTIFIER VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
FFM10W RECTRON-FFM10W Datasheet
22Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1000 to 1800 Volts CURRENT 1.0 Ampere)
FR101 RECTRON-FR101 Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Wing Shing Computer Com...
FR101 WINGS-FR101 Datasheet
297Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
RL101F RECTRON-RL101F Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FR101G RECTRON-FR101G Datasheet
257Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RL101FG RECTRON-RL101FG Datasheet
29Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Pan Jit International I...
BA157 PANJIT-BA157 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Chenmko Enterprise Co. ...
1N4933GPT CHENMKO-1N4933GPT Datasheet
95Kb / 2P
   FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com