データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP56T1 データシート(PDF) 3 Page - Motorola, Inc

部品番号 BCP56T1
部品情報  MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCP56T1 データシート(HTML) 3 Page - Motorola, Inc

  BCP56T1 Datasheet HTML 1Page - Motorola, Inc BCP56T1 Datasheet HTML 2Page - Motorola, Inc BCP56T1 Datasheet HTML 3Page - Motorola, Inc BCP56T1 Datasheet HTML 4Page - Motorola, Inc BCP56T1 Datasheet HTML 5Page - Motorola, Inc BCP56T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BCP56T1 SERIES
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
100
10
1000
100
10
1
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 2. Current-Gain — Bandwidth Product
1000
100
10
100
10
1.0
1000
80
60
40
20
10
8.0
6.0
4.0
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Capacitance
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
IC, COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
1.0
0.4
0
100
1.0
0.5
500
1.0
0.8
0.6
0.4
0.2
0
IC, COLLECTOR CURRENT (mA)
Figure 5. Collector Saturation Region
0.05
0.1
0.2
0.5
2.0
5.0
10
20
50
0.8
0.6
0.2
2.0
5.0
10
20
50
200
1.0
VBE(on) @ VCE = 1.0 V
VCE(sat) @ IC/IB = 10
VBE(sat) @ IC/IB = 10
TJ = 125°C
TJ = 25°C
TJ = – 55°C
TJ = 25°C
50
mA
100 mA
TJ = 25°C
250 mA
500 mA
IC = 10 mA
TJ = 25°C
Cibo
Cobo
1000


同様の部品番号 - BCP56T1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BCP56T1 ONSEMI-BCP56T1 Datasheet
144Kb / 4P
   NPN Silicon Epitaxial Transistor
June, 2004 ??Rev. 3
BCP56T1G ONSEMI-BCP56T1G Datasheet
160Kb / 6P
   NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 8
BCP56T1G ONSEMI-BCP56T1G Datasheet
161Kb / 5P
   NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 8
BCP56T1G ONSEMI-BCP56T1G Datasheet
74Kb / 5P
   NPN Silicon Epitaxial Transistor
April, 2016 ??Rev. 12
logo
FuxinSemi All Rights Re...
BCP56T1G FUXINSEMI-BCP56T1G Datasheet
594Kb / 3P
   TRANSISTOR (NPN)
Ver2.1
More results

同様の説明 - BCP56T1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BCP68T1 MOTOROLA-BCP68T1 Datasheet
149Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Motorola, Inc
BCP53T1 MOTOROLA-BCP53T1 Datasheet
99Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP69T1 MOTOROLA-BCP69T1 Datasheet
71Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP53T1 ONSEMI-BCP53T1 Datasheet
76Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
BSP52T1 ONSEMI-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Motorola, Inc
BSP52T1 MOTOROLA-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
PZT651T1 ONSEMI-PZT651T1 Datasheet
101Kb / 6P
   HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com