データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TAW-3D4812 データシート(PDF) 1 Page - Tumbler Technologies + TRUMPower

部品番号 TAW-3D4812
部品情報  DC/DC CONVERTERS 4:1 Input, 24-pin DIP, 1.5-3 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRUMPOWER [Tumbler Technologies + TRUMPower]
ホームページ  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TAW-3D4812 データシート(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TAW-3D4812 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*OUTPUT
POWER
*MODEL NUMBER
OUTPUT
CURRENT
OUTPUT
VOLTAGE
TAW-3S483.3
TAW-3S4805
TAW-3S4812
TAW-3S4815
TAW-3S4824
TAW-3D483.3
TAW-3D4805
TAW-3D4812
TAW-3D4815
TAW-3D4824
TAW-3S243.3
TAW-3S2405
TAW-3S2412
TAW-3S2415
TAW-3S2424
------------------
TAW-3D2405
TAW-3D2412
TAW-3D2415
TAW-3D2424
9-36 VDC IN
18-72 VDC IN
3W
3W
3W
3W
3W
3W
3W
3W
3W
3W
900 mA
600 mA
250 mA
200 mA
125 mA
±450 mA
±300 mA
±125 mA
±100 mA
±63 mA
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
±3.3 VDC
±5 VDC
±12 VDC
±15 VDC
±24 VDC
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage....................................................See Table
Nominal Input, 9-36V Input..................................24 VDC
18-72V Input.................................48 VDC
Input Filter.......................................................Pi Network
OUTPUT SPECIFICATIONS
Voltage Accuracy..........................................±0.5%, Max.
Voltage Balance, Balance Load...................±0.5%, Max.
Line Regulation............................................±0.5%, Max.
Load Regulation, 10%FL-FL..........................±1.0%, Max.
Minimum Load.................................10% on Each Output
Ripple and Noise, 20MHz BW.................60 mVp-p, Max.
Short Circuit Protection..................................Continuous
GENERAL SPECIFICATIONS
Efficiency............................................................74 - 80%
Isolation Voltage, Input to Output..........1,500 VDC, Min.
Suffix "H"..................3,500 VDC, Min.
Isolation Resistance.................................109 Ohms, Min.
Switching Frequency..................................250 kHz, Typ.
Operating Temperature, No Derating........-25°C to +71°C
Storage Temperature Range.................-40°C to +125°C
Cooling..............................................Free Air Convection
MTBF per MIL-HDBK-217F @25°C..........>1,000k Hours
Weight...........................................0.65 oz. (18.5 grams)
Case Material, Standard..............Non-Conductive Plastic
Suffix "M"....Metal with Non-Conductive Base
TRUMPower
DC/DC CONVERTERS
-01/2008-
Tumbler Technologies + TRUMPower •Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TAW Series
4:1 Input, 24-pin DIP, 1.5-3 Watt
T
Other outputs also available.
*For 1.5W version, specify TAW-1XXXXX; for 2W version, specify TAW-2XXXXX.
*Add suffix "H" for 3.5KV isolation.
0.12
(3.05)
0.80
(20.3)
0.60
(15.2)
16
15
14
13
9
10
11
12
BOTTOM
VIEW
0.08
(2.0)
0.10
(2.5)
1.25
(31.8)
PIN SIZE: 0.02 INCH (0.5mm) DIA. OR 0.02 X 0.14 INCH
ALL DIMENSIONS IN INCHES (mm)
1
2
3
24
23
22
0.40
(10.2)
1, 24
12, 13
11, 14
-
10, 15
2,3,22,23
1, 24
12, 13
11, 14
3,10,15,22
2, 23
-
22, 23
2, 3
14
9, 16
11
-
22,23
2,3
14
-
16
11
1.5K VDC
ISOL.
PIN CONNECTIONS
DUAL
SINGLE
DUAL
SINGLE
FUNC.
+Vin
-Vin
+Vout
Com.
-Vout
*NC
*NC: No connection.
No pin on other pin locations.
3.5K VDC


同様の部品番号 - TAW-3D4812

メーカー部品番号データシート部品情報
logo
Tumbler Technologies + ...
TAW-3D4812 TRUMPOWER-TAW-3D4812 Datasheet
30Kb / 1P
   DC/DC CONVERTERS
More results

同様の説明 - TAW-3D4812

メーカー部品番号データシート部品情報
logo
Tumbler Technologies + ...
TA2W-4S243.3 TRUMPOWER-TA2W-4S243.3 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 24-pin DIP, 4-6 Watt
TA2-4S123.3 TRUMPOWER-TA2-4S123.3 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 4-6 Watt
TA2A-3S123.3H TRUMPOWER-TA2A-3S123.3H Datasheet
35Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 5-6 Watt
T2-1S0505 TRUMPOWER-T2-1S0505 Datasheet
78Kb / 1P
   DC/DC CONVERTERS 24-pin DIP, 1.5 to 3 Watts
TAL-3S1205 TRUMPOWER-TAL-3S1205 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 1.5-3 Watt
logo
CINCON ELECTRONICS Corp...
EC3SAW CINCON-EC3SAW Datasheet
183Kb / 2P
   3 WATT 4:1 INPUT DC-DC CONVERTERS
EC3AW CINCON-EC3AW Datasheet
187Kb / 2P
   3 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com